Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2020-6620-06 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2020-6620-06
Description  Directional Couplers Mini, Octave Brandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2020-6620-06 Datasheet(HTML) 2 Page - Tyco Electronics

  2020-6620-06 Datasheet HTML 1Page - Tyco Electronics 2020-6620-06 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
"
!
"
#
$ %&''()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
%
&
'(
)
*+#
, (
'(
(
,!
'(
(
,!
-
$ .
,!
(
$
(
,!
/ " )
$ .
-
/ " )
$ .
-
0 (
(
0 (
)
(
"
*'*' ))'' ')
*'*' ))'0 0'
*'*' ))'* *'
*'*' ))'( ('
.
.
.
.
'1 0 '
) @ 0 '
0'@ 0 '
*'@ 0 '
('@ 0 '
@')'
@'.1
@'.1
@'.1
'01
'01
'01
'01
*1
*1
*1
*1
0 0'
0 0'
0 0'
0 0'
0 0'
0 0'
0 0'
0 0'
1'
1'
1'
1'
/
0'
1'
1'
*'*' ))'/ ')
*'*' ))'1 0'
*'*' ))') *'
*'*' ))'. ('
1
1
1
)
0 ' * '
) @ 0 '
0'@ 0 '
*'@ 0 '
('@ 0 '
@')'
@'.1
@'.1
@'.1
'*'
'*'
'*'
'*'
*1
*1
*1
*1
0 01
0 01
0 01
0 01
0 01
0 01
0 01
0 01
1'
1'
1'
1'
/
0'
1'
1'
*'*' ))'& ')
*'*' ))'- 0'
*'*' ))0' *'
*'*' ))00 ('
(
(
(
/
* ' / '
) @ 0 '
0'@ 0 '
*'@ 0 '
('@ 0 '
@')'
@'.1
@'.1
@'.1
'*'
'*'
'*'
'*'
**
**
**
**
0 01
0 01
0 01
0 01
0 01
0 01
0 01
0 01
1'
1'
1'
1'
/
0'
1'
1'
*'*' ))0* ')
*'*' ))0( 0'
*'*' ))0/ *'
*'*' ))01 ('
*
*
*
0
* ) 1 *
) @ 0 '
0'@ 0 '
*'@ 0 '
('@ 0 '
@')'
@'.1
@'.1
@'.1
'*1
'*1
'*1
'*1
*'
*'
*'
*'
0 *1
0 *1
0 *1
0 *1
0 *1
0 *1
0 *1
0 *1
1'
1'
1'
1'
/
0'
1'
1'
*'*' ))0) ')
*'*' ))0. 0'
*'*' ))0& *'
*'*' ))0- ('
*
*
*
0
/ ' & '
) @ '.1
0'@ '.1
*'@ '.1
('@ '.1
@'1'
@'1'
@'1'
@'1'
'*1
'*1
'*1
'*1
**
*'
*'
*'
0 *1
0 *1
0 *1
0 *1
0 *1
0 *1
0 *1
0 *1
1'
1'
1'
1'
/
0'
1'
1'
*'*' ))*' ')
*'*' ))*0 0'
*'*' ))** *'
*'*' ))*( ('
*
0
0
0
. ' 0* /
) @ 0 '
0'@ '.1
*'@ '.1
('@ 0 '
@'1'
@'/'
@'1'
@'1'
'/'
'/'
'('
'('
01
*'
0&
0.
0 (1
0 ('
0 *1
0 (1
0 (1
0 (1
0 *1
0 (1
1'
1'
1'
1'
/
0'
1'
1'
*'*' ))*/ ')
*'*' ))*1 0'
*'*' ))*) *'
*'*' ))*. ('
*
0
0
&
) @ 0 '
0'@ 0 '
*'@ 0 '
('@ 0 '
@'1'
@'1'
@'.1
@'.1
')'
'/'
'1'
'1'
01
*'
01
0
01
0
0 (1
0 ('
0 /1
0 /1
0 (1
0 /'
0 /1
0 /1
1'
1'
1'
1'
/
0'
1'
1'
*'*' ))*& ')
*'*' ))*- 0'
*'*' ))(' *'
*'*' ))(0 ('
*
0
0
&
0* / 0& '
) @ '.1
0'@ '.1
*'@ '.1
('@ '.1
@'/'
@'/'
@'1'
@'1'
')'
'/'
'1'
'1'
01
*'
01
0*
0 /'
0 ('
0 /1
0 /1
0 /'
0 /'
0 /1
0 /1
1'
1'
1'
1'
/
0'
1'
1'
. ' 0& '
1(
1"
$ -
(
$
%
$
$ -% %
234567
8
/
/
/
/
A
A
A
A
A
A
A
A
/
/
/
/
0''
*''
(''
/''
*'*' /'01 ')
*'*' /'01 0'
*'*' /'01 *'
*'*' /'01 ('
/
/
/
/
1''
)''
.''
&''
*'*' /'0) ')
*'*' /'0) 0'
*'*' /'0) *'
*'*' /'0) ('
/
/
/
/
A
A
A
A
A
A
A
A
/
/
/
/
-''
0''
00'
A
*'*' /'0. ')
*'*' /'0. 0'
*'*' /'0. *'
A
/
/
/
/
0*'
0('
0/'
0&'
*'*' /'0& ')
*'*' /'0& 0'
*'*' /'0& *'
*'*' /'0& ('
(
(
(
(
A
A
A
A
A
A
A
A
*
*
*
*
A
A
0.
A
A
A
*'*' /00/ *'
A
0 0* B
0* /
0& '567
*
C


Similar Part No. - 2020-6620-06

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2020-6620-06 MA-COM-2020-6620-06 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020-6620-06 MA-COM-2020-6620-06 Datasheet
55Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020-6620-06 MA-COM-2020-6620-06 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
More results

Similar Description - 2020-6620-06

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2020-6605-10 MA-COM-2020-6605-10 Datasheet
365Kb / 3P
   Directional Couplers Mini Octave Bandwidth
2020 MA-COM-2020_15 Datasheet
370Kb / 3P
   Directional Couplers Mini, Octave Bandwidth
2020SERIES MA-COM-2020SERIES Datasheet
55Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
2020 MA-COM-2020 Datasheet
52Kb / 2P
   Directional Couplers Mini, Octave Bandwidth
logo
Tyco Electronics
2025 MACOM-2025 Datasheet
155Kb / 1P
   Directional Couplers Multi-Octave
logo
M/A-COM Technology Solu...
2025SERIES MA-COM-2025SERIES Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025 Datasheet
48Kb / 1P
   Directional Couplers, Multi-Octave
2025 MA-COM-2025_15 Datasheet
375Kb / 2P
   Directional Couplers, Multi-Octave
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
   Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com