Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

630MPS684 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 630MPS684
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

630MPS684 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  630MPS684 Datasheet HTML 1Page - RUBYCON CORPORATION 630MPS684 Datasheet HTML 2Page - RUBYCON CORPORATION 630MPS684 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Style S, Ammo pack
P=12.7 Po=12.7
Style S, Ammo pack
P=25.4 Po=12.7
OUTLINE
(mm)
SPECIFICATIONS
0.001max at 1kHz
UR×150% 60s
0.33
F :25000MΩmin
0.33
F : 7500ΩFmin
JIS C 5101-16, JIS C 5101-1
250VDC, 450VDC, 630VDC
Rated voltage (UR)
Category temperature
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
tan
δ
PART NUMBER
Rated Voltage
MPS
Series
Sub mark
Suffix
Rated capacitance
Tolerance
Symbol
250
450
630
UR
250VDC
450VDC
630VDC
Symbol
H
J
K
Tolerance
3%
5%
10%
Symbol
Blank
H7
Y7
77
S7
W7
Lead style
Long lead type
Lead forming cut
LS=10.0
Lead forming cut
LS=15.0
Symbol
TX
TL(F=10)
TJ(F 15)
TH
TN
TS(F=7.5)
TS(F=10)
Lead style
Style B, Ammo pack
P=15.0 Po=15.0 LS=5.0
Style C, Ammo pack
P=25.4 Po=12.7 LS=5.0
Lead forming cut
LS=20.0
Style D, Ammo pack
P=15.0 Po=15.0 LS=7.5
Lead forming cut
LS=5.0
Lead forming cut
LS=7.5
Style E, Ammo pack
P=30.0 Po=15.0 LS=7.5
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPS
SERIES
MPS
FEATURES
• Low dissipation factor, small and high current.
• For applications where high frequency, high current are required.
(TV, display monitor, power supply, lighting lnverter, etc)
• Coated with flame-retardant (UL94 V-0) epoxy resin.
• RoHS compliance.
-40°C∼+105°C
3%(H),
5%(J),
10%(K)
+
-
+
-
+
-
µ
µ
=
>
<
+
-
+
-
+
-
=
>
Style A, B, D
Style C,E
Style S
Blank
H7,Y7,77
S7,W7
TS(F=7.5)
TS(F=10)


Similar Part No. - 630MPS684

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPH104 RUBYCON-630MPH104 Datasheet
219Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPH104HY7 RUBYCON-630MPH104HY7 Datasheet
58Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPH104JH7 RUBYCON-630MPH104JH7 Datasheet
58Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPH104JW7 RUBYCON-630MPH104JW7 Datasheet
58Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - 630MPS684

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com