Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP10N40E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHP10N40E
Description  PowerMOS transistors Avalanche energy rated
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP10N40E Datasheet(HTML) 4 Page - NXP Semiconductors

  PHP10N40E Datasheet HTML 1Page - NXP Semiconductors PHP10N40E Datasheet HTML 2Page - NXP Semiconductors PHP10N40E Datasheet HTML 3Page - NXP Semiconductors PHP10N40E Datasheet HTML 4Page - NXP Semiconductors PHP10N40E Datasheet HTML 5Page - NXP Semiconductors PHP10N40E Datasheet HTML 6Page - NXP Semiconductors PHP10N40E Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP10N60E
Avalanche energy rated
Fig.7. Typical transfer characteristics.
I
D = f(VGS); parameter Tj
Fig.8. Typical transconductance.
g
fs = f(ID); parameter Tj
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 5 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 0.25 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
PHP10N60E
0
2
4
6
8
10
12
14
16
18
20
01
2345
67
Gate-source voltage, VGS (V)
Drain current, ID (A)
VDS > ID X RDS(ON)
Tj = 25 C
150 C
-60
-40
-20
0
20
40
60
80
100
120
140
Tj / C
VGS(TO) / V
4
3
2
1
0
max.
typ.
min.
PHP10N60E
0
2
4
6
8
10
12
0
5
10
15
20
Drain current, ID (A)
Transconductance, gfs (S)
VDS > ID X RDS(ON)
Tj = 25 C
150 C
0
1
2
3
4
VGS / V
ID / A
1E-01
1E-02
1E-03
1E-04
1E-05
1E-06
SUB-THRESHOLD CONDUCTION
typ
2 %
98 %
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
Normalised RDS(ON) = f(Tj)
2
1
0
a
PHP10N60E
10
100
1000
10000
0.1
1
10
100
Drain-source voltage, VDS (V)
Capacitances, Ciss, Coss, Crss (pF)
Ciss
Coss
Crss
December 1998
4
Rev 1.000


Similar Part No. - PHP10N40E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP10N40 PHILIPS-PHP10N40 Datasheet
54Kb / 7P
   PowerMOS transistor
March 1997 Rev 1.000
More results

Similar Description - PHP10N40E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com