Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP10N40 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHP10N40
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP10N40 Datasheet(HTML) 4 Page - NXP Semiconductors

  PHP10N40 Datasheet HTML 1Page - NXP Semiconductors PHP10N40 Datasheet HTML 2Page - NXP Semiconductors PHP10N40 Datasheet HTML 3Page - NXP Semiconductors PHP10N40 Datasheet HTML 4Page - NXP Semiconductors PHP10N40 Datasheet HTML 5Page - NXP Semiconductors PHP10N40 Datasheet HTML 6Page - NXP Semiconductors PHP10N40 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
PHP10N40
Fig.7. Typical transfer characteristics.
I
D = f(VGS); parameter Tj
Fig.8. Typical transconductance.
g
fs = f(ID); parameter Tj
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj); ID = 6 A; VGS = 10 V
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 0.25 mA; VDS = VGS
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
02
4
6
8
10
0
10
20
30
40
PHP10N40
VGS, Gate-Source voltage (Volts)
ID, Drain current (Amps)
Tj = 25 C
VDS = 30 V
Tj = 150 C
-60
-40
-20
0
20
40
60
80
100
120
140
Tj / C
VGS(TO) / V
4
3
2
1
0
max.
typ.
min.
0
1020
3040
0
2
4
6
8
10
PHP10N40
ID, Drain current (A)
gfs, Transconductance (S)
VDS = 30 V
Tj = 25 C
150 C
0
1
2
3
4
VGS / V
ID / A
1E-01
1E-02
1E-03
1E-04
1E-05
1E-06
SUB-THRESHOLD CONDUCTION
typ
2 %
98 %
-60
-40
-20
0
20
40
60
80
100 120 140
Tj / C
Normalised RDS(ON) = f(Tj)
2
1
0
a
1
10
100
1000
10
100
1000
10000
PHP10N40
VDS, Drain-Source voltage (Volts)
Junction capacitances (pF)
Ciss
Coss
Crss
March 1997
4
Rev 1.000


Similar Part No. - PHP10N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
More results

Similar Description - PHP10N40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com