Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2026 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2026
Description  Directional Couplers, Ultra-Broadband
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2026 Datasheet(HTML) 1 Page - Tyco Electronics

  2026 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
!
"
!
"
#
$ %&''())**)) + ,%-.&())**))
#
$ %// 0-'&1./ *'' + ,%// 0-'&1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
0
+ 3
4
%' 1 0& 567
8
2
%0'
*' 9
$
4
% 1/:
;0*1:
%8
<
(-'0*
=
>
4
" 1'
$
$
"
"
3
"
0*
0
()
0 ?
8
$
!
8
$
"
1'
3
"
!
"
#
"
0
( &
-.
')-
0.1
'(&
-.
'(&
-.
'*1
)/
* '
1)
*
* '
1'&
')-
0.1
'(&
-.
'(&
-.
'*1
)/
0 (
(.
(
/ /
000 &
'.(
0&1
'(&
-.
'(&
-.
'*1
)/
* 1
.0
$
%
* (0
1&.
'(-
--
'.1
0-
'//
00 0
'-1
*/ *
'(&
-.
'1(
0( 1
'/*
0'.
* -'
.( .
'/&
0* *
'.1
0-
'/&
0* *
&
'
()
*
$%#
+ )
()
)+!
()
)
+!
,
& - +!
)
&
)
+!
. " *
& -
,
/ )
)
/ )
*
"
0)
0"
*'*) )''0 0'
0
0 ' 0* /
0'@ 0 '
@'/
'(1; ''/ 567
0&
0
0 ('
1'
0'
(
*'*) )''( *'
0
0 ' 0* /
*'@ 0 '
@')
'(1; ''/ 567
0.
0 ('
1'
1'
(
*'*) )''/ 0'
*
* ' 0&'
0'@ 0 '
@'1
'('; ''( 567
01
*
0 (1
1'
0'
(
*'*) )'') *'
*
* ' 0&'
*'@ 0 '
@'1
'('; ''( 567
0&
(
0 (1
1'
1'
(
*'*) )''. 0'
0
0 ' 0&'
0'@ 0 '
/
@'1
'('; ''1567
01
*
0 /'
1'
0'
(
*'*) )''- *'
0
0 ' 0&'
*'@ 0 '
@')
'('; ''1567
0.
(
0 /'
1'
1'
(
*'*) )'0' 0'
(
'1 0&'
0'@ 0 '
@0 '
'-'; ''( 567
01
*
0 1'
1'
0'
(
*'*) )'0* *'
(
'1 0&'
*'@ 0 '
@0 '
'-'; ''( 567
01
0 1'
1'
1'
(
0 01 9
&'
0* / 567
( 01 9
0* / '0&567
* 0* 9
0* /
0&567
/ 0 1
0 '
'1
* 567


Similar Part No. - 2026

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2026 MA-COM-2026 Datasheet
73Kb / 1P
   Directional Couplers, Ultra-Broadband
logo
List of Unclassifed Man...
2026 ETC2-2026 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
2026 ETC2-2026 Datasheet
93Kb / 2P
   THREADED STANDOFFS
logo
Bourns Electronic Solut...
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2026-07 BOURNS-2026-07 Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube Telecommunications
More results

Similar Description - 2026

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
2026SERIES MA-COM-2026SERIES Datasheet
73Kb / 1P
   Directional Couplers Ultra-Broadband
2026 MA-COM-2026 Datasheet
73Kb / 1P
   Directional Couplers, Ultra-Broadband
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com