Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43697A5226Q007 Datasheet(PDF) 5 Page - EPCOS

Part # B43697A5226Q007
Description  Axial-Lead Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43697A5226Q007 Datasheet(HTML) 5 Page - EPCOS

  B43697A5226Q007 Datasheet HTML 1Page - EPCOS B43697A5226Q007 Datasheet HTML 2Page - EPCOS B43697A5226Q007 Datasheet HTML 3Page - EPCOS B43697A5226Q007 Datasheet HTML 4Page - EPCOS B43697A5226Q007 Datasheet HTML 5Page - EPCOS B43697A5226Q007 Datasheet HTML 6Page - EPCOS B43697A5226Q007 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
328 10/02
B43697
Standard 105 °C
Useful life
depending on ambient temperature
TA under ripple current operating conditions at UR1)
Useful life
depending on ambient temperature
TA under ripple current operating conditions at Uop1)
Uop = 420 V
1,5
A
T
0
40
60
50
90
80
70
110
100
0,5
1,0
˚C 120
KAL0550-G
2,0
2,5
3,0
B43697
R
~
Ι~
Ι
1,5
A
T
80
0
40
50
60
70
90
100
˚C 120
110
0,5
1,0
2,0
2,5
3,0
B43697
KAL0551-P
R
~
Ι~
Ι
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.


Similar Part No. - B43697A5226Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43697A5226Q007 EPCOS-B43697A5226Q007 Datasheet
338Kb / 13P
   Aluminum electrolytic capacitors
B43697A5226Q007 EPCOS-B43697A5226Q007 Datasheet
348Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B43697A5226Q007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
Cornell Dubilier Electr...
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com