Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYT6119EKG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CYT6119EKG
Description  400mA Super LDO Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CYT6119EKG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CYT6119EKG Datasheet HTML 1Page - List of Unclassifed Manufacturers CYT6119EKG Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT6119EKG Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT6119EKG Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT6119EKG Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT6119EKG Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
All contents are subject to change without prior notice.
5
400mA Super LDO Linear
Regulator
CYT6119
Line Transient
Load Transient (10mA – 500mA)
Typical Performance Characteristics
(VIN = 5V, CIN = 1µF, COUT = 10µF, TA=25°C, unless otherwise noted.)
Load Regulation
1
1.5
2
2.5
3
3.5
0
100
200
300
400
500
600
Output Current (mA)
1.5V
1.8V
2.5V
3.3V
Output Voltage vs Temperature
1
1.5
2
2.5
3
3.5
0
50
100
150
Temperature (C)
1.5V
1.8V
2.5V
3.3V
Quiescent Current vs Temperature
(Output Voltage @ 2.5V)
1.06
1.07
1.08
1.09
1.1
1.11
1.12
1.13
1.14
1.15
1.16
1.17
0
20
40
60
80
100
120
140
Temperature (C)
Dropout Voltage vs Output Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0
100
200
300
400
500
600
Output Current (mA)
1.5V
1.8V
2.5V
3.3V


Similar Part No. - CYT6119EKG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118AKG ETC2-CYT6118AKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118BKG ETC2-CYT6118BKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118CKG ETC2-CYT6118CKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
CYT6118DKG ETC2-CYT6118DKG Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
More results

Similar Description - CYT6119EKG

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119_12 Datasheet
188Kb / 6P
   600mA Super LDO Linear Regulator
logo
List of Unclassifed Man...
CYT6167 ETC2-CYT6167 Datasheet
1Mb / 7P
   400mA CMOS LDO Regulator
logo
ELM Technology Corporat...
ELM861212B1A-S ELM-TECH-ELM861212B1A-S Datasheet
133Kb / 13P
   Dual 400mA LDO Regulator
ELM86-SERIES ELM-TECH-ELM86-SERIES Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555 Datasheet
184Kb / 6P
   400mA LDO Dropout Voltage Regulator
VER 1.2
logo
ELM Electronics
ELM86 ELM-ELM86 Datasheet
987Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
ELM Technology Corporat...
ELM86 ELM-TECH-ELM86 Datasheet
924Kb / 13P
   CMOS Dual 400mA LDO Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com