Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHN203 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHN203
Description  Dual N-channel enhancement mode TrenchMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN203 Datasheet(HTML) 1 Page - NXP Semiconductors

  PHN203 Datasheet HTML 1Page - NXP Semiconductors PHN203 Datasheet HTML 2Page - NXP Semiconductors PHN203 Datasheet HTML 3Page - NXP Semiconductors PHN203 Datasheet HTML 4Page - NXP Semiconductors PHN203 Datasheet HTML 5Page - NXP Semiconductors PHN203 Datasheet HTML 6Page - NXP Semiconductors PHN203 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Dual N-channel enhancement mode
PHN203
TrenchMOS
TM transistor
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Dual device
V
DS = 25 V
• Low threshold voltage
• Fast switching
I
D = 6.3 A
• Logic level compatible
• Surface mount package
R
DS(ON) ≤ 30 mΩ (VGS = 10 V)
R
DS(ON) ≤ 55 mΩ (VGS = 4.5 V)
GENERAL DESCRIPTION
PINNING
SOT96-1
N-channel
enhancement
mode
PIN
DESCRIPTION
field-effect power transistor in a
plastic envelope using ’trench’
1
source 1
technology. The device has very
low
on-state
resistance.
It
is
2
gate 1
intended for use in dc to dc
converters and general purpose
3
source 2
switching applications.
4
gate 2
The PHN203 is supplied in the
SOT96-1 (SO8) surface mounting
5,6
drain 2
package.
7,8
drain 1
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Repetitive peak drain-source
T
j = 25 ˚C to 150˚C
-
25
V
voltage
V
DS
Continuous drain-source voltage
-
25
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-25
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Drain current per MOSFET
1
T
a = 25 ˚C
-
6.3
A
T
a = 70 ˚C
-
5
A
I
D
Drain current per MOSFET (both
T
a = 25 ˚C
-
4.4
A
MOSFETs conducting)
1
T
a = 70 ˚C
-
3.5
A
I
DM
Drain current per MOSFET (pulse
T
a = 25 ˚C
-
25
A
peak value)
P
tot
Total power dissipation (either or
T
a = 25 ˚C
-
2
W
both MOSFETs conducting)
1
T
a = 70 ˚C
-
1.3
W
T
stg, Tj
Storage & operating temperature
- 55
150
˚C
d1
g1
s1
d1
d2
g2
d2
s2
12
34
5
6
7
8
pin 1 index
1 Surface mounted on FR4 board, t
≤ 10 sec
January 1999
1
Rev 1.000


Similar Part No. - PHN203

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN203 NXP-PHN203 Datasheet
204Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05-27 April 2010
logo
Nexperia B.V. All right...
PHN203 NEXPERIA-PHN203 Datasheet
767Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05 - 27 April 2010
More results

Similar Description - PHN203

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN210 PHILIPS-PHN210 Datasheet
109Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ24N PHILIPS-IRFZ24N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44N PHILIPS-IRFZ44N Datasheet
64Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
BSP100 PHILIPS-BSP100 Datasheet
111Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ44NS PHILIPS-IRFZ44NS Datasheet
70Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
IRFZ48N PHILIPS-IRFZ48N Datasheet
65Kb / 8P
   N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
PHN70308 PHILIPS-PHN70308 Datasheet
172Kb / 10P
   N-channel enhancement mode TrenchMOS transistor array
May 1999 Rev 1.000
IRLZ34N PHILIPS-IRLZ34N Datasheet
62Kb / 7P
   N-channel enhancement mode Logic level TrenchMOS transistor
February 1999 Rev 1.000
PHKD3NQ10T PHILIPS-PHKD3NQ10T Datasheet
79Kb / 7P
   Dual N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
Seme LAB
2N7002DCSM SEME-LAB-2N7002DCSM Datasheet
20Kb / 2P
   DUAL N-CHANNEL ENHANCEMENT MODE MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com