Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4PBL027 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA4PBL027
Description  HMICTM Silicon Beam-Lead PIN Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4PBL027 Datasheet(HTML) 2 Page - Tyco Electronics

  MA4PBL027 Datasheet HTML 1Page - Tyco Electronics MA4PBL027 Datasheet HTML 2Page - Tyco Electronics MA4PBL027 Datasheet HTML 3Page - Tyco Electronics MA4PBL027 Datasheet HTML 4Page - Tyco Electronics MA4PBL027 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HMIC Silicon Beamlead PIN Diode
V2
MA4PBL027
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
2
Electrical Specifications at TAMB = 25°C
Notes:
1. Capacitance is determined by measuring the isolation of a single series diode in a 50Ω line at 10GHz.
2. Forward series resistance is determined by measuring the insertion loss of a single series diode in a 50Ω line at
10GHz.
DIM
INCHES
MM
MIN.
MAX.
MIN.
MAX.
A
0.009
0.013
0.2286
0.3302
B
0.0049
0.0089
0.1245
0.2261
C
0.0037
0.0057
0.0940
0.1448
D
0.0049
0.0089
0.1245
0.2261
E
0.002
0.006
0.0508
0.1524
F
0.0218
0.0278
0.5537
0.70612
Test Conditions
Paramters
Units
Min
Typical
Max.
Total Capacitance @ –5V/10 GHz 1
Ct
fF
26
30
Forward Resistance @ +20mA/10 GHz 2
Rs
Ohms
4
4.9
Forward Voltage at +10mA
Vf
Volts
1.2
1.36
1.5
Leakage Current at –40 V
Ir
nA
50
300
Minority Carrier Lifetime
TL
nS
5
10


Similar Part No. - MA4PBL027

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027 Datasheet
104Kb / 5P
   HMICTM Silicon Beam-Lead PIN Diodes
logo
Tyco Electronics
MA4PBL027 MACOM-MA4PBL027 Datasheet
230Kb / 5P
   HMIC Silicon Beamlead PIN Diode
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
   HMIC Silicon Beam Lead PIN Diode
More results

Similar Description - MA4PBL027

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027 Datasheet
104Kb / 5P
   HMICTM Silicon Beam-Lead PIN Diodes
logo
Siemens Semiconductor G...
BXY42BA-S SIEMENS-BXY42BA-S Datasheet
28Kb / 3P
   Silicon PIN Diodes (Beam lead version Fast switching)
logo
Advanced Semiconductor
ASB8000 ASI-ASB8000 Datasheet
15Kb / 1P
   SILICON BEAM LEAD PIN DIODE
logo
M/A-COM Technology Solu...
MA4PBL027 MA-COM-MA4PBL027_15 Datasheet
176Kb / 4P
   HMIC Silicon Beam Lead PIN Diode
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
logo
Advanced Semiconductor
ABL1601A ASI-ABL1601A Datasheet
20Kb / 1P
   SILICON BEAM LEAD SCHOTTKY DIODES SERIES TEE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com