Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B25667-A2207-A175 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # B25667-A2207-A175
Description  Compact design Enhanced inrush current withstand capability
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B25667-A2207-A175 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button B25667-A2207-A175 Datasheet HTML 6Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 7Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 8Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 9Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 10Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 11Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 12Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 13Page - Siemens Semiconductor Group B25667-A2207-A175 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Siemens Matsushita Components
321
Thermal data
B25667-A2757-A375
Dielectric power dissipation
PD
versus repetition frequency
f0
Ohmic power dissipation
PR
versus rms current value
I
RS (70 °C) = 9,5 mΩ
Permissible ambient temperature
Θ
A
versus total power dissipation
P
black painted
0,9 ·
UN = AC 230 V
0,9 ·
UN = AC 207 V
Natural cooling
Forced cooling 2 m/s
Permissible capacitor
temperature
B 25 667
Power Factor Correction and Filtering


Similar Part No. - B25667-A2207-A175

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A2207-A175 EPCOS-B25667-A2207-A175 Datasheet
34Kb / 1P
   PhaseCap
More results

Similar Description - B25667-A2207-A175

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603HIXXXF BOURNS-SF-0603HIXXXF Datasheet
570Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM Datasheet
424Kb / 5P
   High Inrush Current Withstand Surface Mount Fuses
SF-0603HIXXXM BOURNS-SF-0603HIXXXM_19 Datasheet
410Kb / 6P
   High Inrush Current Withstand Surface Mount Fuses
logo
Mitsubishi Electric Sem...
LK1AF MITSUBISHI-LK1AF Datasheet
49Kb / 3P
   SLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY
logo
Bourns Electronic Solut...
SF-0603HI-F BOURNS-SF-0603HI-F Datasheet
244Kb / 5P
   SF-0603HI-F Series - High Inrush Current Withstand Surface Mount Fuses
REV. C 03/21
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com