Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82625-B2202-M1 Datasheet(PDF) 5 Page - EPCOS

Part # B82625-B2202-M1
Description  Chokes for Power Lines Ring Core Chokes with Iron Powder Core
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82625-B2202-M1 Datasheet(HTML) 5 Page - EPCOS

  B82625-B2202-M1 Datasheet HTML 1Page - EPCOS B82625-B2202-M1 Datasheet HTML 2Page - EPCOS B82625-B2202-M1 Datasheet HTML 3Page - EPCOS B82625-B2202-M1 Datasheet HTML 4Page - EPCOS B82625-B2202-M1 Datasheet HTML 5Page - EPCOS B82625-B2202-M1 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
324 04/00
Harmonic double choke
Dimensional drawing
General technical data
For further technical data see page 315
Characteristics and ordering codes
Inductance tolerance
± 20 %
Rated current
IR
Referred to 50 Hz and + 40
°C ambient temperature
DC resistance
Rtyp
Typical value, measured at + 20
°C ambient temperature
Climatic category
In accordance with IEC 60068-1
40/125/56 (– 40
°C/+ 125 °C/56 days damp heat test)
Weight
Approx. 380 g
IR
A
LR
mH
Rtyp
Ordering code
1
10,0
2,0
B82627-F2102-M1
2
4,5
0,65
B82627-F2202-M1
3
2,5
0,38
B82627-F2302-M1
4
1,5
0,20
B82627-F2402-M1
5
0,9
0,14
B82627-F2502-M1
6
0,6
0,09
B82627-F2602-M1
8
0,35
0,05
B82627-F2802-M1
10
0,25
0,035
B82627-F2103-M1
tinned
B82627
Chokes for Power Lines
Ring Core Chokes with Iron Powder Core


Similar Part No. - B82625-B2202-M1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82625B2102M001 EPCOS-B82625B2102M001 Datasheet
115Kb / 7P
   Power line chokes
logo
TDK Electronics
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
logo
EPCOS
B82625B2202M001 EPCOS-B82625B2202M001 Datasheet
115Kb / 7P
   Power line chokes
logo
TDK Electronics
B82625B2202M001 TDK-B82625B2202M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
logo
EPCOS
B82625B2302M001 EPCOS-B82625B2302M001 Datasheet
115Kb / 7P
   Power line chokes
More results

Similar Description - B82625-B2202-M1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
logo
EPCOS
B82765 EPCOS-B82765 Datasheet
143Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Quad Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82745 EPCOS-B82745 Datasheet
128Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82747 EPCOS-B82747 Datasheet
87Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Triple Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720S EPCOS-B82720S Datasheet
75Kb / 5P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com