Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41795A8227Q000 Datasheet(PDF) 4 Page - EPCOS

Part # B41795A8227Q000
Description  Axial-Lead and Soldering Star Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41795A8227Q000 Datasheet(HTML) 4 Page - EPCOS

  B41795A8227Q000 Datasheet HTML 1Page - EPCOS B41795A8227Q000 Datasheet HTML 2Page - EPCOS B41795A8227Q000 Datasheet HTML 3Page - EPCOS B41795A8227Q000 Datasheet HTML 4Page - EPCOS B41795A8227Q000 Datasheet HTML 5Page - EPCOS B41795A8227Q000 Datasheet HTML 6Page - EPCOS B41795A8227Q000 Datasheet HTML 7Page - EPCOS B41795A8227Q000 Datasheet HTML 8Page - EPCOS B41795A8227Q000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
318 10/02
B41695 / B41795
Compact Up to 150 °C
Soldering star capacitors
The PC-board hole arrangement specified above is based on circular arcs.
If, however, the mounting holes have to be matched to a standard drilling raster, a spacing of
1,27 mm (1/20″) has proved to be sufficiently accurate if the following arrangements are used:
Dimensions, weights and packing units
d
× l
mm
dmax × lmax
mm
c ± 0,1
mm
Approx. weight
g
Packing units
pieces
12
× 30
13,5
× 32
12,5
5,4
480
14
× 30
15,5
× 32
14,5
7,2
480
16
× 30
17,5
× 32
16,5
9,4
300
18
× 30
19,5
× 32
18,5
11,8
300
18
× 39
19,5
× 41,5
18,5
15,4
200
KAL0525-1-E
3±0,1
ø1,3+0,1
Mounting holes
d
ø1,3+0,1
= 12 mm ... 14 mm
= 16 mm ... 18 mm
Mounting holes
d
+0,04
0,02
ø1_
Soldering star is connected to the
negative pole
1,27
d = 12 mm
KAL0356-I
d = 14 mm
KAL0357-R
d = 16 mm
KAL0358-Z
ø1,5+0,1
d = 18 mm
KAL0359-8


Similar Part No. - B41795A8227Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41795A8227Q000 EPCOS-B41795A8227Q000 Datasheet
458Kb / 17P
   Aluminum electrolytic capacitors
B41795A8227Q000 EPCOS-B41795A8227Q000 Datasheet
481Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41795A8227Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41790A5109Q001 TDK-B41790A5109Q001 Datasheet
456Kb / 18P
   Axial-lead and soldering star capacitors
logo
EPCOS
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com