Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHV2711-QJ-0G00 Datasheet(PDF) 2 Page - Mimix Broadband

Part # CHV2711-QJ-0G00
Description  3.5 GHz InGaP HBT 5W Linear Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2711-QJ-0G00 Datasheet(HTML) 2 Page - Mimix Broadband

  CHV2711-QJ-0G00 Datasheet HTML 1Page - Mimix Broadband CHV2711-QJ-0G00 Datasheet HTML 2Page - Mimix Broadband CHV2711-QJ-0G00 Datasheet HTML 3Page - Mimix Broadband CHV2711-QJ-0G00 Datasheet HTML 4Page - Mimix Broadband CHV2711-QJ-0G00 Datasheet HTML 5Page - Mimix Broadband CHV2711-QJ-0G00 Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2711-QJ
3.5 GHz InGaP HBT
5W Linear Power Amplifier
October 2006 - Rev 26-Oct-06
CHV2711-QJ-0G00
S21
-15.00
-13.00
-11.00
-9.00
-7.00
-5.00
-3.00
-1.00
1.00
3.00
5.00
7.00
9.00
11.00
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
CHV2711-QJ-0G00
S11 and S22
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
S11
S22
CHV2711-QJ-0G00
Gain Vs Pout Vs Frequency
0
1
2
3
4
5
6
7
8
9
10
18
20
22
24
26
28
30
Pout (dBm)
3.4 GHz
3.5 GHz
3.6 GHz
CHV2711-QJ-0G00
ACPR Vs Pout Vs Frequency
-60.00
-58.00
-56.00
-54.00
-52.00
-50.00
-48.00
-46.00
-44.00
-42.00
-40.00
18
19
20
21
22
23
24
25
26
27
28
29
30
Pout (dBm)
3.4 GHz
3.5 GHz
3.6 GHz
CHV2711-QJ-0G00
Current Vs Pout Vs Frequency
500
600
700
800
900
1000
18
19
20
21
22
23
24
25
26
27
28
29
30
Pout (dBm)
3.4 GHz
3.5 GHz
3.6 GHz
Typical Performance: (802.16 OFDM signal, PAR = 9 dB, Vcc = 12V, Vcontrol = 8V, Icc = 736mA)


Similar Part No. - CHV2711-QJ-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ-0G00 MIMIX-CHV2710-QJ-0G00 Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ-0G00 MIMIX-CHV2710-QJ-0G00 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
More results

Similar Description - CHV2711-QJ-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ MIMIX-CHV2707-QJ Datasheet
348Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ MIMIX-CHV2707-QJ_07 Datasheet
323Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
   4.90-5.85 GHz InGaP HBT Linear Power Amplifier
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
Mimix Broadband
CHV2720-QJ MIMIX-CHV2720-QJ Datasheet
553Kb / 8P
   2.3-2.7 GHz InGaP HBT 8W Linear Power Amplifier
CHV2721-QJ MIMIX-CHV2721-QJ Datasheet
404Kb / 6P
   3.3-3.6 GHz InGaP HBT 8W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA5252 FAIRCHILD-RMPA5252 Datasheet
250Kb / 7P
   4.9-5.9 GHz InGaP HBT WLAN Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com