Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7I641884M-CI30 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K7I641884M-CI30
Description  72Mb DDRII SRAM Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7I641884M-CI30 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K7I641884M-CI30 Datasheet HTML 4Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 5Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 6Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 7Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 8Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 9Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 10Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 11Page - Samsung semiconductor K7I641884M-CI30 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
2Mx36 & 4Mx18 DDRII CIO b4 SRAM
K7I643684M
K7I641884M
- 8 -
Rev. 1.3 March 2007
Detail Specification of Power-Up Sequence in DDRII SRAM
DDRII SRAMs must be powered up and initialized in a predefined manner to prevent undefined operations.
Power-Up Sequence
1. Apply power and keep Doff at low state (All other inputs may be undefined)
- Apply VDD before VDDQ
- Apply VDDQ before VREF or the same time with VREF
2. Just after the stable power and clock(K,K), take Doff to be high.
3. The additional 2048 cycles of clock input is required to lock the DLL after enabling DLL
* Notes: If you want to tie up the Doff pin to High with unstable clock, then you must stop the clock for a few seconds
(Min. 30ns) to reset the DLL after it become a stable clock status.
DLL Constraints
1. DLL uses either K clock as its synchronizing input, the input should have low phase jitter which is specified as TK var.
2. The lower end of the frequency at which the DLL can operate is 120MHz.
3. If the incoming clock is unstable and the DLL is enabled, then the DLL may lock onto a wrong frequency
and this may cause the failure in the initial stage.
Status
Power-Up
K,K
* Notes: When the operating frequency is changed, DLL reset should be required again.
After DLL reset again, the minimum 2048 cycles of clock input is needed to lock the DLL.
Unstable
CLKstage
1024 cycle
DLL Locking Range
Any
Command
Power up & Initialization Sequence (Doff pin Fixed high, Clock controlled)
K,K
Min 30ns
VDD
VDDQ
VREF
Doff
VDD
VDDQ
VREF
1024 cycle
Status
Power-Up
Unstable
CLKstage
DLL Locking Range
Any
Command
Stop Clock
Inputs Clock
must be stable
Power up & Initialization Sequence (Doff pin controlled)
Inputs Clock
must be stable


Similar Part No. - K7I641884M-CI30

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I641882M SAMSUNG-K7I641882M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I641882M SAMSUNG-K7I641882M Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7I641882M-EI16 SAMSUNG-K7I641882M-EI16 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I641882M-EI20 SAMSUNG-K7I641882M-EI20 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I641882M-EI25 SAMSUNG-K7I641882M-EI25 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
More results

Similar Description - K7I641884M-CI30

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J643682M SAMSUNG-K7J643682M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com