Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV25616-12LQI Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61LV25616-12LQI
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV25616-12LQI Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61LV25616-12LQI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV25616-12LQI Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. C
11/01/01
IS61LV25616
ISSI®
AC WAVEFORMS
WRITE CYCLE NO. 4 (LB, UB Controlled, Back-to-Back Write) (1,3)
DATA UNDEFINED
t WC
ADDRESS 1
ADDRESS 2
t WC
HIGH-Z
t PBW
WORD 1
LOW
WORD 2
UB_CEWR4.eps
t HD
t SA
t HZWE
ADDRESS
CE
UB, LB
WE
DOUT
DIN
OE
DATAIN
VALID
t LZWE
t SD
t PBW
DATAIN
VALID
t SD
t HD
t SA
t HA
t HA
Notes:
1. The internal Write time is defined by the overlap of
CE = LOW, UB and/or LB = LOW, and WE = LOW. All signals must be in valid
states to initiate a Write, but any can be deasserted to terminate the Write. The
t SA, t HA, t SD, and t HD timing is referenced to the
rising or falling edge of the signal that terminates the Write.
2. Tested with
OE HIGH for a minimum of 4 ns before WE = LOW to place the I/O in a HIGH-Z state.
3.
WE may be held LOW across many address cycles and the LB, UB pins can be used to control the Write function.


Similar Part No. - IS61LV25616-12LQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616-12LQI ISSI-IS61LV25616-12LQI Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IS61LV25616-12LQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616AL-10TL ISSI-IS61LV25616AL-10TL Datasheet
382Kb / 16P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616L ISSI-IS61LV25616L Datasheet
64Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64LV51216 ISSI-IS64LV51216 Datasheet
117Kb / 15P
   512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com