Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65517 Datasheet(PDF) 2 Page - EPCOS

Part # B65517
Description  PM/P/P Cores Halves/EP/TT/PR Cores
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65517 Datasheet(HTML) 2 Page - EPCOS

  B65517 Datasheet HTML 1Page - EPCOS B65517 Datasheet HTML 2Page - EPCOS B65517 Datasheet HTML 3Page - EPCOS B65517 Datasheet HTML 4Page - EPCOS B65517 Datasheet HTML 5Page - EPCOS B65517 Datasheet HTML 6Page - EPCOS B65517 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
318 08/01
I In accordance with IEC 60133
I Pot cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with center
hole
without
center hole
Σl/A
le
Ae
Amin
Ve
1,25
12,2
9,8
120
1,13
13,4
11,9
9,3
159
mm–1
mm
mm2
mm2
mm3
m
0,8
1,0
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
25
± 3 %
0,45
25
B65517-+25-A1
40
± 3 %
0,26
40
B65517-+40-A1
M33
63
± 3 %
0,20
63
B65517-D63-A33
N48
100
± 3 %
0,10
100
B65517-+100-A48
160
± 3 %
0,06
159
B65517-+160-A48
200
± 3 %
0,04
200
B65517-D200-A48
250
± 5 %
0,03
249
B65517-D250-J48
Material
AL value
nH
µe
Ordering code
-D with center hole
-W without center hole
N26
1300 + 30/– 20 %
1190
B65517-D-R26
N30
2500 + 30/– 20 %
2490
B65517-D-R30
T38
5500 + 40/– 30 %
4945
B65517-W-Y38
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65517
Core
P 9
× 5


Similar Part No. - B65517

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B65517+0025A001 TDK-B65517+0025A001 Datasheet
556Kb / 11P
   Ferrites and accessories
B65517+0040A001 TDK-B65517+0040A001 Datasheet
556Kb / 11P
   Ferrites and accessories
B65517+0100A048 TDK-B65517+0100A048 Datasheet
556Kb / 11P
   Ferrites and accessories
B65517+0160A048 TDK-B65517+0160A048 Datasheet
556Kb / 11P
   Ferrites and accessories
logo
EPCOS
B65517D0000R030 EPCOS-B65517D0000R030 Datasheet
98Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results

Similar Description - B65517

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65522 EPCOS-B65522 Datasheet
98Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65621 EPCOS-B65621 Datasheet
110Kb / 5P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65659F0001X001 EPCOS-B65659F0001X001 Datasheet
93Kb / 7P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65661 EPCOS-B65661 Datasheet
142Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
October 2009
B65671 EPCOS-B65671 Datasheet
123Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65839-A63-A38 EPCOS-B65839-A63-A38 Datasheet
114Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65701 EPCOS-B65701 Datasheet
128Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65651 EPCOS-B65651 Datasheet
153Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65541 EPCOS-B65541 Datasheet
146Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
B65611 EPCOS-B65611 Datasheet
133Kb / 6P
   PM/P/P Cores Halves/EP/TT/PR Cores
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com