Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7I643684M-EI25 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7I643684M-EI25
Description  72Mb DDRII SRAM Specification
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7I643684M-EI25 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7I643684M-EI25 Datasheet HTML 6Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 7Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 8Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 9Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 10Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 11Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 12Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 13Page - Samsung semiconductor K7I643684M-EI25 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2Mx36 & 4Mx18 DDRII CIO b4 SRAM
K7I643684M
K7I641884M
- 10 -
Rev. 1.3 March 2007
ABSOLUTE MAXIMUM RATINGS*
*Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. VDDQ must not exceed VDD during normal operation.
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VDD Supply Relative to VSS
VDD
-0.5 to 2.9
V
Voltage on VDDQ Supply Relative to VSS
VDDQ
-0.5 to VDD
V
Voltage on Input Pin Relative to VSS
VIN
-0.5 to VDD+0.3
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature (Commercial / Industrial)
TOPR
0 to 70 / -40 to 85
°C
Storage Temperature Range Under Bias
TBIAS
-10 to 85
°C
DC ELECTRICAL CHARACTERISTICS(VDD=1.8V ±0.1V, TA=0°C to +70°C)
Notes: 1. Minimum cycle. IOUT=0mA.
2. |IOH|=(VDDQ/2)/(RQ/5)
±15% for 175Ω ≤ RQ ≤ 350Ω. |IOL|=(VDDQ/2)/(RQ/5)±15% for 175Ω ≤ RQ ≤ 350Ω.
3. Minimum Impedance Mode when ZQ pin is connected to VDDQ.
4. Operating current is calculated with 50% read cycles and 50% write cycles.
5. Standby Current is only after all pending read and write burst operations are completed.
6. Programmable Impedance Mode.
7. These are DC test criteria. DC design criteria is VREF
±50mV. The AC VIH/VIL levels are defined separately for measuring timing parameters.
8. VIL (Min)DC=
-0.3V, VIL (Min)AC=-1.5V(pulse width ≤ 3ns).
9. VIH (Max)DC=
VDDQ+0.3, VIH (Max)AC=VDDQ+0.85V(pulse width ≤ 3ns).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current
IIL
VDD=Max ; VIN=VSS to VDDQ
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
-2
+2
µA
Operating Current (x36):
QDR mode
ICC
VDD=Max, IOUT=0mA
Cycle Time
≥ tKHKH Min
-30
-
900
mA
1,4
-25
-
800
-20
-
700
-16
650
Operating Current (x18):
QDR mode
ICC
VDD=Max, IOUT=0mA
Cycle Time
≥ tKHKH Min
-30
-
850
mA
1,4
-25
-
750
-20
-
650
-16
-
600
Standby Current(NOP):
QDR mode
ISB1
Device deselected, IOUT=0mA,
f=Max,
All Inputs
0.2V or ≥ VDD-0.2V
-30
-
400
mA
1,5
-25
-
380
-20
-
360
-16
-
340
Output High Voltage
VOH1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,6
Output Low Voltage
VOL1
VDDQ/2-0.12 VDDQ/2+0.12
V
2,6
Output High Voltage
VOH2
IOH=-1.0mA
VDDQ-0.2
VDDQ
V3
Output Low Voltage
VOL2
IOL=1.0mA
VSS
0.2
V
3
Input Low Voltage
VIL
-0.3
VREF-0.1
V
7,8
Input High Voltage
VIH
VREF+0.1
VDDQ+0.3
V
7,9
OPERATING CONDITIONS (0°C ≤ TA ≤ 70°C)
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
VDD
1.7
1.9
V
VDDQ
1.4
1.9
V
Reference Voltage
VREF
0.68
0.95
V


Similar Part No. - K7I643684M-EI25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI16 SAMSUNG-K7I643682M-EI16 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI20 SAMSUNG-K7I643682M-EI20 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI25 SAMSUNG-K7I643682M-EI25 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I643682M-EI30 SAMSUNG-K7I643682M-EI30 Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
More results

Similar Description - K7I643684M-EI25

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J643682M SAMSUNG-K7J643682M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com