Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S510732B-TL1H Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4S510732B-TL1H
Description  Stacked 512Mbit SDRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S510732B-TL1H Datasheet(HTML) 5 Page - Samsung semiconductor

  K4S510732B-TL1H Datasheet HTML 1Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 2Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 3Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 4Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 5Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 6Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 7Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 8Page - Samsung semiconductor K4S510732B-TL1H Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
K4S510732B
CMOS SDRAM
Rev. 0.0 Feb.2001
Preliminary
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
2
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC. The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Notes :
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF =1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
5.0
9.0
pF
RAS, CAS, WE, DQM
CIN
5.0
10.0
pF
Address
CADD
5.0
10.0
pF
CS#, CKE#
Ccs
2.5
6.5
pF
DQ0 ~ DQ8
COUT
8.0
14.0
pF


Similar Part No. - K4S510732B-TL1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S510432B-CL75 SAMSUNG-K4S510432B-CL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC75 SAMSUNG-K4S510432B-TC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TCL75 SAMSUNG-K4S510432B-TCL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
More results

Similar Description - K4S510732B-TL1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511632M SAMSUNG-K4S511632M Datasheet
111Kb / 11P
   512Mbit SDRAM
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
K4J52324QC SAMSUNG-K4J52324QC Datasheet
1Mb / 57P
   512Mbit GDDR3 SDRAM
logo
Hynix Semiconductor
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Samsung semiconductor
K4S510432M SAMSUNG-K4S510432M Datasheet
120Kb / 11P
   512Mbit SDRAM 32M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Infineon Technologies A...
HYB25L512160AC INFINEON-HYB25L512160AC Datasheet
1Mb / 50P
   512MBit Mobile-RAM
Rev. 1.3, April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com