Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S510732B-TC1H Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4S510732B-TC1H
Description  Stacked 512Mbit SDRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S510732B-TC1H Datasheet(HTML) 3 Page - Samsung semiconductor

  K4S510732B-TC1H Datasheet HTML 1Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 2Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 3Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 4Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 5Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 6Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 7Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 8Page - Samsung semiconductor K4S510732B-TC1H Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
K4S510732B
CMOS SDRAM
Rev. 0.0 Feb.2001
Preliminary
The K4S510732B is 536,870,912 bits synchronous high data rate
Dynamic RAM organized as 4 x 16,777,216 words by 8 bits, fabri-
cated with SAMSUNG's high performance CMOS technology. Syn-
chronous design allows precise cycle control with the use of
system clock I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable burst length and
programmable latencies allow the same device to be useful for a
variety of high bandwidth, high performance memory system appli-
cations.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4, 8 & Full page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (8K Cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
16M x 8Bit x 4 Banks Synchronous DRAM
ORDERING INFORMATION
Part No.
Max Freq.
Interface
Package
K4S510732B-TC/L75
133MHz(CL=3)
LVTTL
54pin
TSOP(II)
K4S510732B-TC/L1H
100MHz(CL=2)
K4S510732B-TC/L1L
100MHz(CL=3)
32Mx8
32Mx8
A0~A12,BA0,BA1
DQ0 ~ DQ7
CLK,CAS,RAS
/WE,DQM
/CS1,CKE1
/CS0,CKE0
* Samsung Electronics reserves the right to change products or specification without notice.
Staktek’s stacking technology is Samsung’s stacking technology of choice.


Similar Part No. - K4S510732B-TC1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S510432B-CL75 SAMSUNG-K4S510432B-CL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TC75 SAMSUNG-K4S510432B-TC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-TCL75 SAMSUNG-K4S510432B-TCL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
More results

Similar Description - K4S510732B-TC1H

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511632M SAMSUNG-K4S511632M Datasheet
111Kb / 11P
   512Mbit SDRAM
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
K4J52324QC SAMSUNG-K4J52324QC Datasheet
1Mb / 57P
   512Mbit GDDR3 SDRAM
logo
Hynix Semiconductor
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
logo
Hynix Semiconductor
H5MS5122DFR HYNIX-H5MS5122DFR Datasheet
2Mb / 62P
   Mobile DDR SDRAM 512Mbit (16M x 32bit)
logo
Samsung semiconductor
K4S510432M SAMSUNG-K4S510432M Datasheet
120Kb / 11P
   512Mbit SDRAM 32M x 4bit x 4 Banks Synchronous DRAM LVTTL
logo
Infineon Technologies A...
HYB25L512160AC INFINEON-HYB25L512160AC Datasheet
1Mb / 50P
   512MBit Mobile-RAM
Rev. 1.3, April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com