Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC563EE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # CD74HC563EE4
Description  High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC563EE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HC563EE4 Datasheet HTML 5Page - Texas Instruments CD74HC563EE4 Datasheet HTML 6Page - Texas Instruments CD74HC563EE4 Datasheet HTML 7Page - Texas Instruments CD74HC563EE4 Datasheet HTML 8Page - Texas Instruments CD74HC563EE4 Datasheet HTML 9Page - Texas Instruments CD74HC563EE4 Datasheet HTML 10Page - Texas Instruments CD74HC563EE4 Datasheet HTML 11Page - Texas Instruments CD74HC563EE4 Datasheet HTML 12Page - Texas Instruments CD74HC563EE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
5962-8606201RA
ACTIVE
CDIP
J
20
1
TBD
A42 SNPB
N / A for Pkg Type
5962-8681301RA
ACTIVE
CDIP
J
20
1
TBD
A42 SNPB
N / A for Pkg Type
CD54HC533F3A
ACTIVE
CDIP
J
20
1
TBD
A42 SNPB
N / A for Pkg Type
CD54HC563F3A
ACTIVE
CDIP
J
20
1
TBD
A42 SNPB
N / A for Pkg Type
CD54HCT533F3A
ACTIVE
CDIP
J
20
1
TBD
A42 SNPB
N / A for Pkg Type
CD74HC533E
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HC533EE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HC563E
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HC563EE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HC563M
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HC563ME4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HC563MG4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT533E
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT533EE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT563E
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT563EE4
ACTIVE
PDIP
N
20
20
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD74HCT563M
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT563ME4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD74HCT563MG4
ACTIVE
SOIC
DW
20
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
PACKAGE OPTION ADDENDUM
www.ti.com
10-May-2007
Addendum-Page 1


Similar Part No. - CD74HC563EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC563EE4 TI-CD74HC563EE4 Datasheet
282Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD74HC563EE4 TI-CD74HC563EE4 Datasheet
288Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
More results

Similar Description - CD74HC563EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC533 TI-CD74HC533 Datasheet
50Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533_08 Datasheet
288Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
CD54HC533 TI-CD54HC533 Datasheet
282Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Inverting Transparent Latch, Three-State Outputs
logo
Harris Corporation
CD74HC373 HARRIS-CD74HC373 Datasheet
50Kb / 8P
   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Texas Instruments
CD74HC373 TI-CD74HC373 Datasheet
53Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal Transparent Latch, Three-State Output
logo
Intersil Corporation
CD54AC573 INTERSIL-CD54AC573 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
CD54AC373 INTERSIL-CD54AC373 Datasheet
9Kb / 1P
   Octal Transparent Latch Three-State, Non-Inverting
June 1997
logo
Integral Corp.
IN74AC533 INTEGRAL-IN74AC533 Datasheet
213Kb / 5P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT533 IKSEMICON-IN74ACT533 Datasheet
296Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC533 KODENSHI-KK74AC533 Datasheet
338Kb / 6P
   Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com