Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43504A5826M007 Datasheet(PDF) 7 Page - EPCOS

Part # B43504A5826M007
Description  Snap-In Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504A5826M007 Datasheet(HTML) 7 Page - EPCOS

Back Button B43504A5826M007 Datasheet HTML 3Page - EPCOS B43504A5826M007 Datasheet HTML 4Page - EPCOS B43504A5826M007 Datasheet HTML 5Page - EPCOS B43504A5826M007 Datasheet HTML 6Page - EPCOS B43504A5826M007 Datasheet HTML 7Page - EPCOS B43504A5826M007 Datasheet HTML 8Page - EPCOS B43504A5826M007 Datasheet HTML 9Page - EPCOS B43504A5826M007 Datasheet HTML 10Page - EPCOS B43504A5826M007 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
251 10/02
Compact 105 °C
B43504
400
47
22
× 25
1870
2310
1,2
0,79
0,39
B43504A9476M000
68
22
× 25
1290
1600
1,4
0,95
0,47
B43504A9686M000
82
22
× 30
1070
1320
1,7
1,1
0,55
B43504A9826M000
100
22
× 35
880
1090
2,0
1,3
0,64
B43504A9107M000
100
25
× 25
880
1090
1,9
1,3
0,61
B43504B9107M000
120
22
× 35
730
910
2,1
1,4
0,70
B43504A9127M000
150
22
× 40
590
730
2,5
1,7
0,82
B43504A9157M000
150
30
× 25
590
730
2,5
1,7
0,83
B43504B9157M000
180
25
× 40
490
610
3,0
2,0
0,98
B43504A9187M000
180
30
× 30
490
610
2,9
2,0
0,96
B43504B9187M000
220
25
× 45
400
500
3,4
2,3
1,1
B43504A9227M000
220
30
× 35
400
500
3,4
2,3
1,1
B43504B9227M000
220
35
× 30
400
500
3,6
2,4
1,2
B43504C9227M000
270
25
× 50
330
410
4,0
2,7
1,3
B43504A9277M000
330
30
× 45
270
330
4,6
3,1
1,5
B43504A9337M000
330
35
× 35
270
330
4,6
3,1
1,5
B43504B9337M000
390
30
× 50
230
280
5,2
3,5
1,7
B43504A9397M000
470
35
× 45
190
240
6,0
4,1
2,0
B43504A9477M000
560
35
× 50
160
200
6,8
4,6
2,2
B43504A9567M000
420
82
22
× 30
1650
1950
1,66
1,12
0,55
B43504A0826M000
100
22
× 35
1360
1600
1,95
1,31
0,64
B43504A0107M000
100
25
× 30
1360
1600
2,00
1,34
0,65
B43504E0107M000
120
22
× 40
1130
1330
2,25
1,51
0,74
B43504A0127M000
120
25
× 30
1130
1330
2,19
1,47
0,72
B43504E0127M000
150
25
× 35
910
1070
2,58
1,74
0,85
B43504A0157M000
150
30
× 30
910
1070
2,67
1,80
0,88
B43504E0157M000
180
25
× 40
760
890
2,97
2,00
0,98
B43504A0187M000
180
30
× 30
760
890
2,93
1,97
0,96
B43504E0187M000
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~max
100 Hz
85
°C
A
I~R1)
100 Hz
105
°C
A
Ordering code2)
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 248.


Similar Part No. - B43504A5826M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504A5826M007 EPCOS-B43504A5826M007 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43504A5826M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com