Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43501K2337M002 Datasheet(PDF) 5 Page - EPCOS

Part # B43501K2337M002
Description  Snap-In Capacitors Long Useful Life - 85
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501K2337M002 Datasheet(HTML) 5 Page - EPCOS

  B43501K2337M002 Datasheet HTML 1Page - EPCOS B43501K2337M002 Datasheet HTML 2Page - EPCOS B43501K2337M002 Datasheet HTML 3Page - EPCOS B43501K2337M002 Datasheet HTML 4Page - EPCOS B43501K2337M002 Datasheet HTML 5Page - EPCOS B43501K2337M002 Datasheet HTML 6Page - EPCOS B43501K2337M002 Datasheet HTML 7Page - EPCOS B43501K2337M002 Datasheet HTML 8Page - EPCOS B43501K2337M002 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
239 10/02
Long Life 85 °C
B43501
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
160
200
250
385
400
420
450
CR (µF)
Case dimensions
d
× l (mm)
47
22
× 25
68
22
× 25
22
× 25
22
× 30
25
× 25
100
22
× 30
25
× 25
22
× 30
25
× 25
22
× 30
25
× 25
22
× 40
25
× 30
30
× 25
120
22
× 35
25
× 30
150
22
× 25
22
× 40
25
× 30
22
× 40
30
× 25
22
× 40
25
× 35
25
× 40
30
× 30
180
30
× 30
25
× 30
30
× 33
30
× 35
220
22
× 25
22
× 25
22
× 30
25
× 25
25
× 40
30
× 30
25
× 40
30
× 35
25
× 40
30
× 35
30
× 40
270
30
× 35
30
× 35
35
× 30
30
× 45
330
22
× 30
22
× 30
25
× 25
22
× 40
25
× 30
30
× 40
30
× 45
30
× 45
35
× 35
35
× 40
390
30
× 50
30
× 50
470
22
× 35
22
× 40
30
× 25
25
× 40
30
× 30
35
× 40
35
× 45
35
× 45
35
× 50
560
35
× 45
35
× 50
35
× 50
680
25
× 35
25
× 40
30
× 30
30
× 40
1 000
30
× 35
30
× 40
35
× 35
35
× 40
1 500
30
× 45
35
× 45
2 200
35
× 50


Similar Part No. - B43501K2337M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501K2337M000 EPCOS-B43501K2337M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43501K2337M002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com