Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65859-A250-E38 Datasheet(PDF) 2 Page - EPCOS

Part # B65859-A250-E38
Description  EPX 10 For xDSL-line transformer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65859-A250-E38 Datasheet(HTML) 2 Page - EPCOS

  B65859-A250-E38 Datasheet HTML 1Page - EPCOS B65859-A250-E38 Datasheet HTML 2Page - EPCOS B65859-A250-E38 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
288 08/01
SMD coil former with U terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, Test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400°C, 1 s
Winding:
see “Processing Notes”, page 160
Cap yoke
Without ground terminal, made of stainless spring steel, 0,25 mm thick
Coil former
Cap yoke
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
12,4
24,4
67,8
8
B65860-F1108-T1
Cap yoke
B65860-C2000
FEP0015-H
3,5 min.
4,7
9,1 max.
13,2 max.
LCP
0,6
7 max.
0,6
0,6
12,2
15,5 max.
2,54
7,62
1,2
Recommended PCB layout
FEP0016-V
12
10,8
11
9,2
11,1
6,5
8,6
View A
A
B65860
Accessories
EPX 10
Preliminary data


Similar Part No. - B65859-A250-E38

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65859 EPCOS-B65859 Datasheet
119Kb / 4P
   Ferrites and accessories
logo
TDK Electronics
B65859 TDK-B65859 Datasheet
370Kb / 7P
   Ferrites and accessories
logo
EPCOS
B65859A0000R057 EPCOS-B65859A0000R057 Datasheet
119Kb / 4P
   Ferrites and accessories
B65859A0000R057 EPCOS-B65859A0000R057 Datasheet
225Kb / 7P
   Ferrites and accessories
logo
TDK Electronics
B65859A0000R057 TDK-B65859A0000R057 Datasheet
370Kb / 7P
   Ferrites and accessories
More results

Similar Description - B65859-A250-E38

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65857 EPCOS-B65857 Datasheet
96Kb / 3P
   EPX 7/9 For xDSL-line transformer
logo
Rhombus Industries Inc.
T-1188G RHOMBUS-IND-T-1188G Datasheet
41Kb / 1P
   xDSL Transformer
logo
XFMRS Inc.
XF0144-EP16S XFMRS-XF0144-EP16S Datasheet
56Kb / 1P
   XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0562-80 LINKCOM-LAL0562-80 Datasheet
67Kb / 1P
   xDSL Transformer
LAL2200-50 LINKCOM-LAL2200-50 Datasheet
127Kb / 1P
   xDSL Transformer
logo
Sumida Corporation
CEP810B SUMIDA-CEP810B Datasheet
106Kb / 1P
   xDSL Transformer
logo
Rhombus Industries Inc.
T-885G RHOMBUS-IND-T-885G Datasheet
35Kb / 1P
   xDSL Transformer
logo
XFMRS Inc.
XF1313-37HDS XFMRS-XF1313-37HDS Datasheet
48Kb / 1P
   XDSL TRANSFORMER
XF2006-EP16S XFMRS-XF2006-EP16S Datasheet
49Kb / 1P
   XDSL TRANSFORMER
logo
LinkCom Manufacturing C...
LAL0520-60 LINKCOM-LAL0520-60 Datasheet
69Kb / 1P
   xDSL Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com