Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82796-C0502-N201 Datasheet(PDF) 4 Page - EPCOS

Part # B82796-C0502-N201
Description  Chokes for Data and Signal Lines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82796-C0502-N201 Datasheet(HTML) 4 Page - EPCOS

  B82796-C0502-N201 Datasheet HTML 1Page - EPCOS B82796-C0502-N201 Datasheet HTML 2Page - EPCOS B82796-C0502-N201 Datasheet HTML 3Page - EPCOS B82796-C0502-N201 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
290 04/00
Insertion loss
α
e (typical values at Z = 50 Ω)
asymmetrical, all branches in parallel (common mode)
symmetrical (differential mode)
B82796-C0474-N215
B82796-C0225-N265
B82796-C0105-N265
B82796-C0475-N265
SSB1352-L
0
10
f
10
10
10
10
MHz
10
20
30
40
50
dB
e
α
2
1
0
2
_
1
_
SSB1353-U
0
f
MHz
10
20
30
40
50
dB
e
α
10 0
10 1
10 2
1
2
10
_
10
_
SSB1351-D
0
f
MHz
dB
e
α
10
20
30
40
50
10 0
10 1
10 2
3
1
2
10
_
10
_
SSB1354-3
0
f
10
10
10
MHz
10
20
30
40
50
dB
e
α
2
1
0
1
2
10
_
10
_
B82796-C0
Chokes for Data and Signal Lines
B82796-S0
Double Chokes
Jump to succeding page


Similar Part No. - B82796-C0502-N201

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82796-C2 EPCOS-B82796-C2 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
B82796-C2113-N201 EPCOS-B82796-C2113-N201 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
B82796-C2225-N265 EPCOS-B82796-C2225-N265 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
B82796-C2473-N201 EPCOS-B82796-C2473-N201 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
B82796-C2474-N215 EPCOS-B82796-C2474-N215 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
More results

Similar Description - B82796-C0502-N201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82799 ETC-B82799 Datasheet
81Kb / 6P
   Chokes for Data and Signal Lines
logo
EPCOS
B82796-C2 EPCOS-B82796-C2 Datasheet
63Kb / 2P
   Chokes for Data and Signal Lines
B82791-G14 EPCOS-B82791-G14 Datasheet
74Kb / 2P
   Chokes for Data and Signal Lines
B82793-C2 EPCOS-B82793-C2 Datasheet
56Kb / 3P
   Chokes for Data and Signal Lines
B82790-C0475-N340 EPCOS-B82790-C0475-N340 Datasheet
75Kb / 5P
   Chokes for Data and Signal Lines
B82794-C2 EPCOS-B82794-C2 Datasheet
77Kb / 4P
   Chokes for Data and Signal Lines
B82720-H15 EPCOS-B82720-H15 Datasheet
59Kb / 2P
   Chokes for Data and Signal Lines
B82799 EPCOS-B82799_00 Datasheet
66Kb / 4P
   Chokes for Data and Signal Lines
B82790-C0502-N201 EPCOS-B82790-C0502-N201 Datasheet
106Kb / 5P
   Chokes for Data and Signal Lines
logo
List of Unclassifed Man...
B82790 ETC-B82790 Datasheet
250Kb / 6P
   Chokes for Data and Signal Lines
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com