Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43504C9227M007 Datasheet(PDF) 9 Page - EPCOS

Part # B43504C9227M007
Description  Snap-In Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504C9227M007 Datasheet(HTML) 9 Page - EPCOS

Back Button B43504C9227M007 Datasheet HTML 3Page - EPCOS B43504C9227M007 Datasheet HTML 4Page - EPCOS B43504C9227M007 Datasheet HTML 5Page - EPCOS B43504C9227M007 Datasheet HTML 6Page - EPCOS B43504C9227M007 Datasheet HTML 7Page - EPCOS B43504C9227M007 Datasheet HTML 8Page - EPCOS B43504C9227M007 Datasheet HTML 9Page - EPCOS B43504C9227M007 Datasheet HTML 10Page - EPCOS B43504C9227M007 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
253 10/02
Compact 105 °C
B43504
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
Frequency factor of
permissible ripple current
I~
versus frequency
f
0,5
120
40
0
60
50
70
80
90
110
100
A
˚C
T
B43504
2,5
1,5
1,0
2,0
3,5
3,0
KAL0542-Q
R
Ι~
Ι~
5
0,9
0,8
1,0
10 2
1,1
1,2
1,3
1,5
510 3 Hz
f
2
KAL0699-K
B43504
Ι
100 Hz
~
~
Ι
f


Similar Part No. - B43504C9227M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504C9277M000 EPCOS-B43504C9277M000 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504C9277M002 EPCOS-B43504C9277M002 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504C9277M007 EPCOS-B43504C9277M007 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504C9277M080 EPCOS-B43504C9277M080 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504C9277M082 EPCOS-B43504C9277M082 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43504C9227M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com