Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41607 Datasheet(PDF) 7 Page - EPCOS

Part # B41607
Description  Snap-In Capacitors Automotive Up to 150
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41607 Datasheet(HTML) 7 Page - EPCOS

  B41607 Datasheet HTML 1Page - EPCOS B41607 Datasheet HTML 2Page - EPCOS B41607 Datasheet HTML 3Page - EPCOS B41607 Datasheet HTML 4Page - EPCOS B41607 Datasheet HTML 5Page - EPCOS B41607 Datasheet HTML 6Page - EPCOS B41607 Datasheet HTML 7Page - EPCOS B41607 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
280 10/02
B41607
Automotive – Up to 150 °C
Frequency factor of permissible
ripple current
I~
versus frequency
f
Frequency characteristics of
ESR
versus frequency
f at different temperatures T
Typical behavior
Equivalent series resistance
ESR
versus frequency
f at different temperatures T
Typical behavior for 1500
µF/55 V
Impedance Z
versus frequency
f at different temperatures T
Typical behavior for 1500
µF/55 V
10
f
KAL0836-Z
0
B41607
2
510 3
Hz 10 4
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,2
Ι
Ι~
10 kHz
f
~
ø [mm] 22 25
R
U
40 VDC
55 VDC
bc
cd
25 VDC
a b
c
d
b
a
5
63 VDC
cd
10 1
f
KAL0835-R
0
1
2
3
4
5
7
510 2
510 3
10
Hz
4
85 ˚C
20 ˚C
40 ˚C
_
125 ˚C
B41607
ESR
10 kHz
ESR
f
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0834-I
10 3
_
ESR
10
_2
_40 ˚C
_25 ˚C
20 ˚C
_
> 60 ˚C
5
B41607
10 1
_
10 1
10 2
5
3
10
10 4
10 5
55
Hz
f
KAL0833-A
Z
10 2
_
10 1
40 ˚C
_
20 ˚C
_
> 60 ˚C
25 ˚C
_
B41607
10
_1
10 0
5
5
5


Similar Part No. - B41607

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41607 EPCOS-B41607 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
logo
TDK Electronics
B41607 TDK-B41607 Datasheet
714Kb / 17P
   Aluminum electrolytic capacitors Large-size capacitors
logo
EPCOS
B41607A0118M002 EPCOS-B41607A0118M002 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0118M009 EPCOS-B41607A0118M009 Datasheet
140Kb / 6P
   Large size Aluminum electrolytic capacitors
B41607A0128M002 EPCOS-B41607A0128M002 Datasheet
1,022Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B41607

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEDZ-NEDZH NIC-NEDZ-NEDZH Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZ NIC-NEDZ Datasheet
131Kb / 2P
   Radial Leaded & Snap-in Back-Up Capacitors
NEDZN NIC-NEDZN Datasheet
240Kb / 3P
   Radial Leaded & Snap-in Back-Up Capacitors
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com