Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR3CM-8 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CR3CM-8
Description  Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CR3CM-8 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CR3CM-8 Datasheet HTML 1Page - Powerex Power Semiconductors CR3CM-8 Datasheet HTML 2Page - Powerex Power Semiconductors CR3CM-8 Datasheet HTML 3Page - Powerex Power Semiconductors CR3CM-8 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (412) 925-7272
CR3CM
Lead-mount, Phase Control SCR
3 Amperes/400-600 Volts
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
0.4
0.8
1.2
1.6
= 30
°
180
°
360
°
RESISTIVE LOADS
NATURAL CONVECTION
WITHOUT FIN
120
°
90
°
60
°
0
20
40
60
80
100
120
140
160
ALLOWABLE AMBIENT TEMPERATURE
VS. AVERAGE ON-STATE CURRENT
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
1
2
3
4
5
= 30
°
180
°
360
°
RESISTIVE LOADS
NATURAL CONVECTION
FIN: IRON PLATE
PAINTED BLACK
50 X 50 X t1.2
120
°
90
°
60
°
GATE TRIGGER CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
JUNCTION TEMPERATURE, Tj, (°C)
-40
0
40
80
120
100
101
102
103
RGK = 1k
IGT = 30 A
190
A
GATE TRIGGER VOLTAGE
VS. JUNCTION TEMPERATURE
(TYPICAL)
-40
0
40
80
120
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TYPICAL EXAMPLE
DISTRIBUTION
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
10-1
100
101
102
0
40
80
120
RGK = 1k
TYPICAL EXAMPLE
DISTRIBUTION
0
50
100
150
200
250
300
350
400
HOLDING CURRENT VS.
GATE-TO-CATHODE RESISTANCE
(TYPICAL)
GATE-TO-CATHODE RESISTANCE, RGK, (k )
10-1
100
101
102
IGT = 25 A
Tj = 25°C
50
A
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
0
20
40
60
80
100
120
140
160
RGK = 1k
0
40
80
120
REPETITIVE PEAK OFF-STATE CURRENT
VS. JUNCTION TEMPERATURE
(TYPICAL)
JUNCTION TEMPERATURE, Tj, (°C)
-40
0
20
40
60
80
100
120
140
160
0
40
80
120
0
1
2
3
4
5
6
7
8
MAXIMUM ON-STATE
POWER DISSIPATION
(SINGLE-PHASE FULL WAVEFORM)
AVERAGE ON-STATE CURRENT, IT(avg), (AMPERES)
0
= 30
°
60
°
90
°
120
°
180
°
RESISTIVE LOADS
1
2
3
4
5
360
°
P-32


Similar Part No. - CR3CM-8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3CS-12A RENESAS-CR3CS-12A Datasheet
486Kb / 8P
   600V - 3A - Thyristor
Oct. 10, 2019
More results

Similar Description - CR3CM-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CR6CM POWEREX-CR6CM Datasheet
84Kb / 6P
   Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts
CR04AM POWEREX-CR04AM Datasheet
90Kb / 6P
   Lead-Mount, Phase Control SCR 0.4 Amperes/400-600 Volts
CR8AM POWEREX-CR8AM Datasheet
85Kb / 6P
   Lead-mount, Phase Control SCR 8 Amperes/400-600 Volts
CR03AM POWEREX-CR03AM Datasheet
69Kb / 4P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
CR02AM POWEREX-CR02AM Datasheet
85Kb / 6P
   Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
CR08AS POWEREX-CR08AS Datasheet
92Kb / 6P
   Surface Mount, Phase Control SCR 0.8 Amperes/400-600 Volts
CR5AS POWEREX-CR5AS Datasheet
85Kb / 6P
   Surface Mount, Phase Control SCR 5 Amperes/400-600 Volts
T625 POWEREX-T625 Datasheet
717Kb / 4P
   Phase Control SCR (300-400 Amperes 1200 Volts)
C390X500 POWEREX-C390X500 Datasheet
843Kb / 4P
   Phase Control SCR 620 Amperes Average 600 Volts
C390AX550 POWEREX-C390AX550 Datasheet
163Kb / 4P
   Phase Control SCR 620 Amperes Avg 100-400 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com