Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE13007 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHE13007
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHE13007 Datasheet(HTML) 1 Page - NXP Semiconductors

  PHE13007 Datasheet HTML 1Page - NXP Semiconductors PHE13007 Datasheet HTML 2Page - NXP Semiconductors PHE13007 Datasheet HTML 3Page - NXP Semiconductors PHE13007 Datasheet HTML 4Page - NXP Semiconductors PHE13007 Datasheet HTML 5Page - NXP Semiconductors PHE13007 Datasheet HTML 6Page - NXP Semiconductors PHE13007 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
PHE13007
GENERAL DESCRIPTION
The PHE13007 is a silicon npn power switching transistor in the TO220AB envelope intended for use in high
frequency electronic lighting ballast applications, converters, inverters, switching regulators, motor control systems,
etc.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
700
V
V
CBO
Collector-Base voltage (open emitter)
-
700
V
V
CEO
Collector-emitter voltage (open base)
-
400
V
V
EBO
Emitter-Base voltage (I
B = 0)
-
9
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
16
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
80
W
V
CEsat
Collector-emitter saturation voltage
I
C = 5.0 A;IB = 1.0 A
0.35
2.0
V
t
f
Fall time
I
C = 5 A; IB1 = 1 A
40
120
ns
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
tab
collector
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector to emitter voltage
V
BE = 0 V
-
700
V
V
CEO
Collector to emitter voltage (open base)
-
400
V
V
CBO
Collector to base voltage (open emitter)
-
700
V
V
EBO
Emitter-Base voltage (I
B = 0)
-
9
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
16
A
I
B
Base current (DC)
-
4
A
I
BM
Base current peak value
-
8
A
P
tot
Total power dissipation
T
mb ≤ 25 ˚C
-
80
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Junction to mounting base
-
1.56
K/W
R
th j-a
Junction to ambient
in free air
60
-
K/W
12 3
tab
b
c
e
February 1999
1
Rev 1.000


Similar Part No. - PHE13007

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
PHE13007 WEEN-PHE13007 Datasheet
342Kb / 9P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
PHE13007 PHILIPS-PHE13007_15 Datasheet
127Kb / 9P
   Silicon Diffused Power Transistor
February 1999
More results

Similar Description - PHE13007

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com