Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7112L-1A-E3 Datasheet(PDF) 4 Page - NEC

Part # PS7112L-1A-E3
Description  6 PIN DIP SOLID STATE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7112L-1A-E3 Datasheet(HTML) 4 Page - NEC

  PS7112L-1A-E3 Datasheet HTML 1Page - NEC PS7112L-1A-E3 Datasheet HTML 2Page - NEC PS7112L-1A-E3 Datasheet HTML 3Page - NEC PS7112L-1A-E3 Datasheet HTML 4Page - NEC PS7112L-1A-E3 Datasheet HTML 5Page - NEC PS7112L-1A-E3 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OFF-STATE LEAKAGE CURRENT
vs. SUPPLY VOLTAGE
Supply Voltage, VCC (V)
Turn-on Time, tON (ms)
TURN-ON TIME DISTRIBUTION
Forward Current, IF (mA)
TURN-ON TIME
vs. FORWARD CURRENT
LOAD CURRENT vs. LOAD VOLTAGE
Load Voltage, VL (V)
Forward Current, IF (mA)
TURN-OFF TIME
vs. FORWARD CURRENT
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7112-1A, PS7112L-1A
Turn-off Time, tOFF (ms)
TURN-OFF TIME DISTRIBUTION
0
20
40
60
80
100
10
-9
10
-8
10
-7
10
-6
10
-5
10
-3
10
-4
TA = 80
°C
TA = 25
°C
-200
-300
-1.0
-1.5
-0.5
0.5
1.0
1.5
100
200
300
0
IF = 10 mA
-100
VO = 5 V
8.0
6.0
4.0
2.0
0
10
20
30
40
VO = 5 V
0.5
0.4
0.3
0.1
0.2
0
10
20
30
40
30
25
15
20
10
5
0
0.10
0.05
0.15
n = 50 pcs
IF = 10 mA
VCC = 5 V
RL = 500
30
25
15
20
10
5
0
0.02
0.06
n = 50 pcs
IF = 10 mA
VCC = 5 V
RL = 500


Similar Part No. - PS7112L-1A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7112L-1A-E3 NEC-PS7112L-1A-E3 Datasheet
74Kb / 12P
   6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7112L-1A-E3 CEL-PS7112L-1A-E3 Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
More results

Similar Description - PS7112L-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7112-1A CEL-PS7112-1A Datasheet
54Kb / 6P
   6 PIN DIP SOLID STATE RELAY
logo
NEC
PS7342C-1A NEC-PS7342C-1A Datasheet
55Kb / 6P
   6 PIN DIP SOLID STATE RELAY
PS7360 NEC-PS7360 Datasheet
50Kb / 5P
   HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY
PS7142-2A NEC-PS7142-2A Datasheet
44Kb / 7P
   8 PIN DIP SOLID STATE RELAY
PS7111-2A NEC-PS7111-2A_01 Datasheet
50Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
California Eastern Labs
PS7111-2A CEL-PS7111-2A Datasheet
51Kb / 6P
   8 PIN DIP SOLID STATE RELAY
logo
Adam Technologies, Inc.
SSR1A-350-120-35-6T ADAM-TECH-SSR1A-350-120-35-6T Datasheet
89Kb / 1P
   SOLID STATE RELAY 6 & 8 PIN DIP PACKAGES-TYPE SSR
logo
California Eastern Labs
PS7341B-1B CEL-PS7341B-1B Datasheet
34Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
logo
NEC
PS7341B-1B NEC-PS7341B-1B Datasheet
31Kb / 2P
   6 PIN DIP LOW OUTPUT CAPACITANCE, LOW ON-STATE RESISTANCE, SOLID STATE RELAY
PS7241-AT1 NEC-PS7241-AT1 Datasheet
69Kb / 8P
   8-PIN SOP SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com