Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43504A9157M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43504A9157M000
Description  Snap-In Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504A9157M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43504A9157M000 Datasheet HTML 3Page - EPCOS B43504A9157M000 Datasheet HTML 4Page - EPCOS B43504A9157M000 Datasheet HTML 5Page - EPCOS B43504A9157M000 Datasheet HTML 6Page - EPCOS B43504A9157M000 Datasheet HTML 7Page - EPCOS B43504A9157M000 Datasheet HTML 8Page - EPCOS B43504A9157M000 Datasheet HTML 9Page - EPCOS B43504A9157M000 Datasheet HTML 10Page - EPCOS B43504A9157M000 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
254 10/02
Compact 105 °C
B43504
Frequency characteristics of
ESR
Typical behavior
Impedance
Z
versus frequency
f
Typical behavior at 20 °C
KAL0701-1
0
f
> 60 ˚C
20 ˚C
10 1
10 2
10 3
10 4
55
Hz
0,5
1,0
1,5
2,0
2,5
B43504
ESR
100 Hz
ESR
f
KAL0461-H
10
1
10
10
2
10
35
4
10
f
Hz 10
6
2
10
_
1
10
5
_
Z
0
10
5
1
10
5
2
10
220 µF/450 V
470 µF/250 V
180 µF/400 V
B43504


Similar Part No. - B43504A9157M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504A9157M000 EPCOS-B43504A9157M000 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43504A9157M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com