Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41505A8158M000 Datasheet(PDF) 7 Page - EPCOS

Part # B41505A8158M000
Description  Snap-In Capacitors Excellent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A8158M000 Datasheet(HTML) 7 Page - EPCOS

Back Button B41505A8158M000 Datasheet HTML 3Page - EPCOS B41505A8158M000 Datasheet HTML 4Page - EPCOS B41505A8158M000 Datasheet HTML 5Page - EPCOS B41505A8158M000 Datasheet HTML 6Page - EPCOS B41505A8158M000 Datasheet HTML 7Page - EPCOS B41505A8158M000 Datasheet HTML 8Page - EPCOS B41505A8158M000 Datasheet HTML 9Page - EPCOS B41505A8158M000 Datasheet HTML 10Page - EPCOS B41505A8158M000 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
261 10/02
Excellent Performance 105 °C
B41505 / B43505
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~max
100 Hz
85
°C
A
I~R1)
100 Hz
105
°C
A
Ordering code2)
B41505
10
6 800
22
× 25
98
78
4,2
2,8
1,4
B41505A3688M000
10 000
22
× 30
70
56
5,4
3,6
1,8
B41505A3109M000
15 000
22
× 40
49
39
6,9
4,6
2,3
B41505A3159M000
22 000
30
× 35
35
28
9,0
6,0
3,0
B41505A3229M000
33 000
30
× 45
25
20
12
7,8
3,9
B41505A3339M000
16
6 800
22
× 30
61
49
5,4
3,6
1,8
B41505A4688M000
10 000
25
× 30
45
36
6,6
4,4
2,2
B41505A4109M000
15 000
25
× 40
32
26
8,4
5,6
2,8
B41505A4159M000
22 000
30
× 40
23
18
11
7,0
3,5
B41505A4229M000
25
4 700
22
× 30
71
57
4,8
3,2
1,6
B41505A5478M000
4 700
25
× 25
71
57
4,8
3,2
1,6
B41505F5478M000
6 800
25
× 30
54
43
5,7
3,8
1,9
B41505A5688M000
10 000
25
× 40
40
32
7,5
5,0
2,5
B41505A5109M000
15 000
30
× 40
29
23
9,6
6,4
3,2
B41505A5159M000
35
2 200
22
× 25
113
90
3,3
2,2
1,1
B41505A7228M000
3 300
22
× 30
75
60
4,5
3,0
1,5
B41505A7338M000
3 300
25
× 25
75
60
4,5
3,0
1,5
B41505F7338M000
4 700
22
× 40
60
48
5,7
3,8
1,9
B41505A7478M000
6 800
25
× 40
46
37
6,9
4,6
2,3
B41505A7688M000
10 000
30
× 40
35
28
8,7
5,8
2,9
B41505A7109M000
15 000
35
× 40
25
20
11
7,6
3,8
B41505A7159M000
18 000
35
× 45
23
18
13
8,6
4,3
B41505A7189M000
50
2 200
22
× 35
113
90
4,2
2,8
1,4
B41505A6228M000
3 300
25
× 35
75
60
5,4
3,6
1,8
B41505A6338M000
4 700
30
× 35
56
45
6,6
4,4
2,2
B41505A6478M000
6 800
30
× 50
44
35
8,7
5,8
2,9
B41505A6688M000
10 000
35
× 45
33
26
11
7,2
3,6
B41505A6109M000
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 258.


Similar Part No. - B41505A8158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A8158M000 EPCOS-B41505A8158M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
More results

Similar Description - B41505A8158M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com