Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65888-B2005 Datasheet(PDF) 3 Page - EPCOS

Part # B65888-B2005
Description  RM 14 In accordance with IEC 60431
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65888-B2005 Datasheet(HTML) 3 Page - EPCOS

  B65888-B2005 Datasheet HTML 1Page - EPCOS B65888-B2005 Datasheet HTML 2Page - EPCOS B65888-B2005 Datasheet HTML 3Page - EPCOS B65888-B2005 Datasheet HTML 4Page - EPCOS B65888-B2005 Datasheet HTML 5Page - EPCOS B65888-B2005 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
253 08/01
Coil former
Material:
GFR thermosetting plastic (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155
°C), color code green
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235
°C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350
°C, 3,5 s
Winding:
see “Processing Notes”, page 153
Squared pins
For matching clamp and insulating washers see page 255
10 pins
12 pins
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
Ordering code
1
107
71,5
23
10
B65888-C1010-D1
12
B65888-C1012-D1
FRM0273-D
3
15,2+0,3
0,6
Erdungspunkte ø1,6+0,1
1
2
3
12
11
10
9
7
4
6
7
9
6 4
10
11
12
1
2
3
8
5
0,3
ø28,8 _
_
ø16,8 0,2
Ground Ø 1,6+0,1
Hole arrangement
View in mounting direction
B65888
Accessories
RM 14


Similar Part No. - B65888-B2005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65888 EPCOS-B65888 Datasheet
332Kb / 8P
   Ferrites and accessories
B65888 EPCOS-B65888 Datasheet
375Kb / 12P
   Ferrites and accessories
logo
TDK Electronics
B65888 TDK-B65888 Datasheet
609Kb / 12P
   Ferrites and accessories
logo
EPCOS
B65888A2002X EPCOS-B65888A2002X Datasheet
232Kb / 9P
   Ferrites and accessories
B65888A2002X000 EPCOS-B65888A2002X000 Datasheet
332Kb / 8P
   Ferrites and accessories
More results

Similar Description - B65888-B2005

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815 EPCOS-B65815 Datasheet
216Kb / 7P
   RM 12 In accordance with IEC 60431
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
   In accordance with IEC 60133
B65733 EPCOS-B65733 Datasheet
101Kb / 3P
   PM 114/93 In accordance with IEC 61247
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
   Prepared in accordance with Regulation
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
EPCOS
B65887-P EPCOS-B65887-P Datasheet
90Kb / 2P
   RM 14 Low Profile
logo
Laird Tech Smart Techno...
TGREASE-880 LSTD-TGREASE-880 Datasheet
93Kb / 4P
   Prepared in accordance with OSHA Hazard communication
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E_14 Datasheet
751Kb / 50P
   Designed in Accordance with CAN Specification 2.0B
logo
ITT Industries
012-8554-000 ITT-012-8554-000 Datasheet
1Mb / 56P
   cannon ca-bayonet connectors in accordance with vg95234
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com