Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41505A5478M000 Datasheet(PDF) 8 Page - EPCOS

Part # B41505A5478M000
Description  Snap-In Capacitors Excellent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A5478M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B41505A5478M000 Datasheet HTML 4Page - EPCOS B41505A5478M000 Datasheet HTML 5Page - EPCOS B41505A5478M000 Datasheet HTML 6Page - EPCOS B41505A5478M000 Datasheet HTML 7Page - EPCOS B41505A5478M000 Datasheet HTML 8Page - EPCOS B41505A5478M000 Datasheet HTML 9Page - EPCOS B41505A5478M000 Datasheet HTML 10Page - EPCOS B41505A5478M000 Datasheet HTML 11Page - EPCOS B41505A5478M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
262 10/02
Excellent Performance 105 °C
B41505 / B43505
63
1000
22
× 25
199
159
3,0
2,0
1,0
B41505A8108M000
1500
22
× 35
133
106
4,2
2,8
1,4
B41505A8158M000
2200
25
× 35
90
72
5,1
3,4
1,7
B41505A8228M000
2200
30
× 30
106
85
5,4
3,6
1,8
B41505F8228M000
3300
30
× 40
70
56
6,9
4,6
2,3
B41505A8338M000
4700
35
× 35
56
45
8,1
5,4
2,7
B41505A8478M000
6800
35
× 50
39
31
11
7,2
3,6
B41505A8688M000
80
1000
25
× 25
166
133
3,9
2,6
1,3
B41505A0108M000
1200
30
× 25
138
110
4,5
3,0
1,5
B41505A0128M000
1500
25
× 35
111
89
5,4
3,6
1,8
B41505A0158M000
2200
30
× 35
75
60
6,0
4,0
2,0
B41505A0228M000
3300
35
× 35
60
48
8,4
5,6
2,8
B41505A0338M000
4700
35
× 45
42
34
10
6,8
3,4
B41505A0478M000
100
560
25
× 25
237
190
3,0
2,0
1,0
B41505A9567M000
680
22
× 35
195
156
3,6
2,4
1,2
B41505A9687M000
1000
25
× 35
133
106
4,2
2,8
1,4
B41505A9108M000
1000
30
× 30
133
106
4,5
3,0
1,5
B41505F9108M000
1500
30
× 40
88
70
5,7
3,8
1,9
B41505A9158M000
2200
30
× 50
75
60
6,9
4,6
2,3
B41505A9228M000
3300
35
× 50
50
40
9,0
6,0
3,0
B41505A9338M000
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 258.
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~max
100 Hz
85
°C
A
I~R1)
100 Hz
105
°C
A
Ordering code2)


Similar Part No. - B41505A5478M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A5478M000 EPCOS-B41505A5478M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
B41505A5478M000 EPCOS-B41505A5478M000 Datasheet
1Mb / 22P
   Aluminum electrolytic capacitors
More results

Similar Description - B41505A5478M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com