Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT245DWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74BCT245DWR
Description  OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT245DWR Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT245DWR Datasheet HTML 1Page - Texas Instruments SN74BCT245DWR Datasheet HTML 2Page - Texas Instruments SN74BCT245DWR Datasheet HTML 3Page - Texas Instruments SN74BCT245DWR Datasheet HTML 4Page - Texas Instruments SN74BCT245DWR Datasheet HTML 5Page - Texas Instruments SN74BCT245DWR Datasheet HTML 6Page - Texas Instruments SN74BCT245DWR Datasheet HTML 7Page - Texas Instruments SN74BCT245DWR Datasheet HTML 8Page - Texas Instruments SN74BCT245DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54BCT245, SN74BCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS013H – SEPTEMBER 1998 – REVISED MAY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
′BCT245
SN54BCT245
SN74BCT245
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
4.4
6
1
7.2
1
7
ns
tPHL
A or B
B or A
1.5
4.8
6.6
1.5
7.6
1.5
7
ns
tPZH
OE
AorB
1.5
8
9.4
1.5
11.2
1.5
10.9
ns
tPZL
OE
A or B
1.5
8
10.2
1.5
11.8
1.5
11.6
ns
tPHZ
OE
AorB
1.5
5.8
8.3
1.5
9.7
1.5
9.3
ns
tPLZ
OE
A or B
1.5
5.1
7.8
1.5
9.6
1.5
9.1
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74BCT245DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT245DW TI-SN74BCT245DW Datasheet
102Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT245DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com