Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43501 Datasheet(PDF) 4 Page - EPCOS

Part # B43501
Description  Snap-In Capacitors Long Useful Life - 85
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501 Datasheet(HTML) 4 Page - EPCOS

  B43501 Datasheet HTML 1Page - EPCOS B43501 Datasheet HTML 2Page - EPCOS B43501 Datasheet HTML 3Page - EPCOS B43501 Datasheet HTML 4Page - EPCOS B43501 Datasheet HTML 5Page - EPCOS B43501 Datasheet HTML 6Page - EPCOS B43501 Datasheet HTML 7Page - EPCOS B43501 Datasheet HTML 8Page - EPCOS B43501 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
238 10/02
Long Life 85 °C
B43501
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in
part) in the correct position for insertion.
Ordering codes
Ordering example:
B43501A3107M007
} snap-in capacitor with short terminals
B43501A3107M002
} snap-in capacitor with 3 terminals
Snap-in terminals
Version
Identification in 3rd block of ordering code
Standard terminals (6,3
± 1) mm
M000
Short terminals (4,5
−1) mm
M007
3 terminals (4,5
−1) mm
M002


Similar Part No. - B43501

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
B43501A0107M002 EPCOS-B43501A0107M002 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B43501A0107M007 EPCOS-B43501A0107M007 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B43501A0127M000 EPCOS-B43501A0127M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results

Similar Description - B43501

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com