Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72250L0131K100 Datasheet(PDF) 2 Page - EPCOS

Part # B72250L0131K100
Description  Strap Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72250L0131K100 Datasheet(HTML) 2 Page - EPCOS

  B72250L0131K100 Datasheet HTML 1Page - EPCOS B72250L0131K100 Datasheet HTML 2Page - EPCOS B72250L0131K100 Datasheet HTML 3Page - EPCOS B72250L0131K100 Datasheet HTML 4Page - EPCOS B72250L0131K100 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
232 04/02
1) available upon request
Maximum ratings (TA = 85 °C)
Type
SIOV-
Ordering
code
Type
SIOV-
Ordering
code
VRMS
V
VDC
V
imax
8/20
ms
A
Wmax
(2 ms)
J
Pmax
W
LS50K130P
B72250
L0131K100
LS50K130PK2
B72250
L0131K1021)
130
170
75000
490
1,5
LS50K150P
B72250
L0151K100
LS50K150PK2
B72250
L0151K1021)
150
200
75000
570
1,5
LS50K230P
B72250
L0231K1001)
LS50K230PK2
B72250
L0231K1021)
230
300
75000
730
1,5
LS50K250P
B72250
L0251K1001)
LS50K250PK2
B72250
L0251K1021)
250
320
75000
800
1,5
LS50K275P
B72250
L0271K100
LS50K275PK2
B72250
L0271K1021)
275
350
75000
860
1,5
LS50K320P
B72250
L0321K100
LS50K320PK2
B72250
L0321K1021)
320
420
75000
1000
1,5
LS50K385P
B72250
L0381K1001)
LS50K385PK2
B72250
L0381K1021)
385
505
75000
1200
1,5
LS50K420P
B72250
L0421K1001)
LS50K420PK2
B72250
L0421K1021)
420
560
75000
1500
1,5
LS50K440P
B72250
L0441K1001)
LS50K440PK2
B72250
L0441K1021)
440
585
75000
1580
1,5
LS50K460P
B72250
L0461K1001)
LS50K460PK2
B72250
L0461K1021)
460
615
75000
1650
1,5
LS50K550P
B72250
L0551K100
LS50K550PK2
B72250
L0551K1021)
550
745
75000
1500
1,5
HighE Series
Strap Varistors


Similar Part No. - B72250L0131K100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
B722 TDK-B722 Datasheet
701Kb / 23P
   Leaded varistors, SuperioR, S25 series
January 2018
logo
EPCOS
B72205-S110-K101 EPCOS-B72205-S110-K101 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72205-S140-K101 EPCOS-B72205-S140-K101 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72205-S170-K101 EPCOS-B72205-S170-K101 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
More results

Similar Description - B72250L0131K100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
BT-BS-609-ENV ETC-BT-BS-609-ENV Datasheet
136Kb / 1P
   STRAP WRENCH ENVELOPE DRAWING
REV. 1
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
Texas Instruments
RI-UHF-STRAP-08 TI-RI-UHF-STRAP-08 Datasheet
573Kb / 9P
[Old version datasheet]   9UHF Gen2 STRAP
logo
Pomona Electronics
6086 POMONA-6086 Datasheet
100Kb / 3P
   ESD Wrist Strap Tester
logo
Greystone Energy System...
TXSO GREYSTONE-TXSO Datasheet
366Kb / 2P
   STRAP-ON TEMPERATURE TRANSMITTER
logo
Pomona Electronics
6083 POMONA-6083 Datasheet
22Kb / 1P
   Metal Wrist Strap, ESD
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com