Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD205ADG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD205ADG4
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD205ADG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65MLVD205ADG4 Datasheet HTML 3Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 4Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 5Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 6Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 7Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 8Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 9Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 10Page - Texas Instruments SN65MLVD205ADG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VAB or VYZ
A/Y
B/Z
IA or IY
VB or VZ
VA or VY
VOS
VA + VB
2
VI
D
VCC
VY + VZ
2
or
IB or IZ
II
VAB or VYZ
49.9
3.32 k
3.32 k
_
+
-1 V
≤ Vtest ≤ 3.4 V
A/Y
B/Z
D
VOS
R1
24.9
A/Y
C3
2.5 pF
VOS(PP)
nVOS(SS)
VOS(SS)
≈ 1.3 V
B/Z
A/Y
≈ 0.7 V
B/Z
D
R2
24.9
C1
1 pF
C2
1 pF
VTest
+
-
A/Y
B/Z
IOS
0 V or VCC
-1 V or 3.4 V
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573 – DECEMBER 2003
Figure 1. Driver Voltage and Current Definitions
A.
All resistors are 1% tolerance.
Figure 2. Differential Output Voltage Test Circuit
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, pulse frequency = 1
MHz, duty cycle = 50 ± 5%.
B.
C1, C2 and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are ±20%.
C.
R1 and R2 are metal film, surface mount, ±1%, and located within 2 cm of the D.U.T.
D.
The measurement of VOS(PP) is made on test equipment with a -3 dB bandwidth of at least 1 GHz.
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 4. Driver Short-Circuit Test Circuit
7
Submit Documentation Feedback


Similar Part No. - SN65MLVD205ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD205ADG4 TI-SN65MLVD205ADG4 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD205ADG4 TI1-SN65MLVD205ADG4 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
More results

Similar Description - SN65MLVD205ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com