Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54BCT245 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54BCT245
Description  OCTAL BUS TRANSCEIVERS OCTAL BUS TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54BCT245 Datasheet(HTML) 3 Page - Texas Instruments

  SN54BCT245_07 Datasheet HTML 1Page - Texas Instruments SN54BCT245_07 Datasheet HTML 2Page - Texas Instruments SN54BCT245_07 Datasheet HTML 3Page - Texas Instruments SN54BCT245_07 Datasheet HTML 4Page - Texas Instruments SN54BCT245_07 Datasheet HTML 5Page - Texas Instruments SN54BCT245_07 Datasheet HTML 6Page - Texas Instruments SN54BCT245_07 Datasheet HTML 7Page - Texas Instruments SN54BCT245_07 Datasheet HTML 8Page - Texas Instruments SN54BCT245_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN54BCT245, SN74BCT245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS013H – SEPTEMBER 1998 – REVISED MAY 2002
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54BCT245
SN74BCT245
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High level output current
A port
– 3
– 3
mA
IOH
High-level output current
B port
–12
–15
mA
IOL
Low level output current
A port
20
24
mA
IOL
Low-level output current
B port
48
64
mA
TA
Operating free-air temperature
– 55
125
0
70
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54BCT245
SN74BCT245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
A port
VCC =4 5V
IOH = –1 mA
2.5
3.4
2.5
3.4
A port
VCC = 4.5 V
IOH = – 3 mA
2.4
3.3
2.4
3.3
VOH
IOH = – 3 mA
2.4
3.3
2.4
3.3
V
B port
VCC = 4.5 V
IOH = –12 mA
2
3.2
IOH = – 15 mA
2
3.1
A port
VCC =4 5V
IOL = 20 mA
0.3
0.5
VOL
A port
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
B port
VCC =4 5V
IOL = 48 mA
0.38
0.55
V
B port
VCC = 4.5 V
IOL = 64 mA
0.42
0.55
I
A or B port
VCC =5 5V
VI =5 5V
1
1
mA
II
Control input
VCC = 5.5 V,
VI = 5.5 V
0.1
0.1
mA
I
A or B port
VCC =5 5V
VI =2 7V
70
70
µA
IIH‡
Control input
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
I ‡
A or B port
VCC =5 5V
VI =0 5V
– 0.65
– 0.65
mA
IIL‡
Control input
VCC = 5.5 V,
VI = 0.5 V
–1.2
–1.2
mA
I
§
A port
VCC =5 5V
VO =0
– 60
–150
– 60
–150
mA
IOS§
B port
VCC = 5.5 V,
VO = 0
–100
– 225
–100
– 225
mA
ICCL
A to B
VCC = 5.5 V
57
90
57
90
mA
ICCH
A to B
VCC = 5.5 V
36
57
36
57
mA
ICCZ
VCC = 5.5 V
10
15
10
15
mA
Ci
Control input
VCC = 5 V,
VI = 2.5 V or 0.5 V
7
7
pF
Ci
A to B
VCC =5V
VO =2 5Vor0 5V
9
9
pF
Cio
B to A
VCC = 5 V,
VO = 2.5 V or 0.5 V
12
12
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports, the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.


Similar Part No. - SN54BCT245_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54BCT245FK TI-SN54BCT245FK Datasheet
102Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT245J TI-SN54BCT245J Datasheet
102Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT245W TI-SN54BCT245W Datasheet
102Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54BCT245_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS620A TI-SN74ALS620A Datasheet
390Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Fairchild Semiconductor
DM74ALS645A FAIRCHILD-DM74ALS645A Datasheet
47Kb / 4P
   Octal Bus Transceivers
logo
Texas Instruments
SN54LS620 TI1-SN54LS620_09 Datasheet
511Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Motorola, Inc
SN54LS640 MOTOROLA-SN54LS640 Datasheet
118Kb / 3P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS620 TI-SN54LS620 Datasheet
284Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74HC245 UTC-U74HC245_15 Datasheet
238Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54LS638_1999 TI1-SN54LS638_1999 Datasheet
205Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
SN74ALS638A TI-SN74ALS638A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
logo
Unisonic Technologies
U74AHC245 UTC-U74AHC245_15 Datasheet
227Kb / 5P
   OCTAL BUS TRANSCEIVERS
logo
Texas Instruments
SN54ALS245A TI1-SN54ALS245A_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com