Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ABT16825WD Datasheet(PDF) 5 Page - Texas Instruments

Part # SNJ54ABT16825WD
Description  18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ABT16825WD Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54ABT16825WD Datasheet HTML 1Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 2Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 3Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 4Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 5Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 6Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 7Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 8Page - Texas Instruments SNJ54ABT16825WD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54ABT16825, SN74ABT16825
18-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS218D – JUNE 1992 – REVISED OCTOBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SNJ54ABT16825WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ABT16825WD TI-SNJ54ABT16825WD Datasheet
133Kb / 8P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SNJ54ABT16825WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16825 TI-54ACT16825 Datasheet
106Kb / 6P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16825 TI-SN54ABT16825 Datasheet
133Kb / 8P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16825 TI-54ACT16825_07 Datasheet
154Kb / 8P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162825 TI-SN54ABT162825 Datasheet
117Kb / 7P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162825 HITACHI-HD74ALVCH162825 Datasheet
55Kb / 9P
   18-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16825 HITACHI-HD74ALVCH16825 Datasheet
47Kb / 9P
   18-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16825 TI-54ACT16825_08 Datasheet
323Kb / 10P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com