Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54ABT16825 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54ABT16825
Description  18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT16825 Datasheet(HTML) 4 Page - Texas Instruments

  SN54ABT16825 Datasheet HTML 1Page - Texas Instruments SN54ABT16825 Datasheet HTML 2Page - Texas Instruments SN54ABT16825 Datasheet HTML 3Page - Texas Instruments SN54ABT16825 Datasheet HTML 4Page - Texas Instruments SN54ABT16825 Datasheet HTML 5Page - Texas Instruments SN54ABT16825 Datasheet HTML 6Page - Texas Instruments SN54ABT16825 Datasheet HTML 7Page - Texas Instruments SN54ABT16825 Datasheet HTML 8Page - Texas Instruments SN54ABT16825 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN54ABT16825, SN74ABT16825
18-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS218D – JUNE 1992 – REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT16825
SN74ABT16825
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
IOZPU
VCC = 0 to 2.1 V,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZPD
VCC = 2.1 V to 0,
VO = 0.5 V to 2.7 V, OE = X
±50
±50
±50
µA
IOZH
VCC = 2.1 V to 5.5 V,
VO = 2.7 V, OE ≥ 2 V
10
10
10
µA
IOZL
VCC = 2.1 V to 5.5 V,
VO = 0.5 V, OE ≥ 2 V
–10
–10
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
Outputs high
V5 5 V I
0
2
2
2
ICC
Outputs low
VCC = 5.5 V, IO = 0,
VI =VCC or GND
32
32
32
mA
Outputs disabled
VI = VCC or GND
2
2
2
∆ICC§
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
7.5
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16825
SN74ABT16825
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1
1.9
3.6
1
4.1
1
3.9
ns
tPHL
A
Y
1
2.1
3.9
1
4.7
1
4.4
ns
tPZH
OE
Y
1
2.8
5.5
1
6.4
1
6.1
ns
tPZL
OE
Y
1
2.8
5.4
1
6.3
1
6
ns
tPHZ
OE
Y
2.4
4.5
6.8
2.4
7.1
2.4
6.9
ns
tPLZ
OE
Y
1.6
3.7
6.2
1.6
7.6
1.6
6.6
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABT16825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16825 TI-SN54ABT16825 Datasheet
133Kb / 8P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT16825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT16825 TI-54ACT16825 Datasheet
106Kb / 6P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16825 TI-SN54ABT16825 Datasheet
133Kb / 8P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT16825 TI-54ACT16825_07 Datasheet
154Kb / 8P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT162825 TI-SN54ABT162825 Datasheet
117Kb / 7P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162825 HITACHI-HD74ALVCH162825 Datasheet
55Kb / 9P
   18-bit Buffers / Drivers with 3-state Outputs
HD74ALVCH16825 HITACHI-HD74ALVCH16825 Datasheet
47Kb / 9P
   18-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
54ACT16825 TI-54ACT16825_08 Datasheet
323Kb / 10P
[Old version datasheet]   18-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com