Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHC21025 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHC21025
Description  Complementary enhancement mode MOS transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHC21025 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHC21025 Datasheet HTML 2Page - NXP Semiconductors PHC21025 Datasheet HTML 3Page - NXP Semiconductors PHC21025 Datasheet HTML 4Page - NXP Semiconductors PHC21025 Datasheet HTML 5Page - NXP Semiconductors PHC21025 Datasheet HTML 6Page - NXP Semiconductors PHC21025 Datasheet HTML 7Page - NXP Semiconductors PHC21025 Datasheet HTML 8Page - NXP Semiconductors PHC21025 Datasheet HTML 9Page - NXP Semiconductors PHC21025 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Jun 20
6
Philips Semiconductors
Product specification
Complementary enhancement
mode MOS transistors
PHC21025
Crss
reverse transfer capacitance
N-channel
VGS = 0; VDS = 20 V; f = 1 MHz
50
pF
P-channel
VGS = 0; VDS = −20 V; f = 1 MHz
50
pF
QG
total gate charge
N-channel
VGS =10V; VDS = 15 V; ID = 2.3 A
10
30
nC
P-channel
VGS = −10 V; VDS = −15 V; ID = −2.3 A −
10
25
nC
QGS
gate-source charge
N-channel
VGS =10V; VDS = 15 V; ID = 2.3 A
1
nC
P-channel
VGS = −10 V; VDS = −15 V; ID = −2.3 A −
1
nC
QGD
gate-drain charge
N-channel
VGS =10V; VDS = 15 V; ID = 2.3 A
2.5
nC
P-channel
VGS = −10 V; VDS = −15 V; ID = −2.3 A −
3
nC
Switching times
ton
turn-on time
N-channel
VGS = 0to10V; VDD =20V;
ID = 1 A; RL =20 Ω
15
40
ns
P-channel
VGS =0to −10 V; VDD = −20 V;
ID = −1 A; RL =20 Ω
20
80
ns
toff
turn-off time
N-channel
VGS =10to0V; VDD =20V;
ID = 1 A; RL =20 Ω
25
140
ns
P-channel
VGS = −10 to 0 V; VDD = −20 V;
ID = −1 A; RL =20 Ω
50
140
ns
Source-drain diode
VSD
source-drain diode forward
voltage
N-channel
VGD = 0; IS = 1.25 A
−−
1.2
V
P-channel
VGD = 0; IS = −1.25 A
−−−1.6
V
trr
reverse recovery time
N-channel
IS = 1.25 A; di/dt = 100 A/µs
35
100
ns
P-channel
IS = −1.25 A; di/dt = 100 A/µs
150
200
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - PHC21025

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PHC21025 VBSEMI-PHC21025 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHC21025 NEXPERIA-PHC21025 Datasheet
826Kb / 16P
   Complementary intermediate level FET
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHC21025 PHILIPS-PHC21025_15 Datasheet
249Kb / 16P
   Complementary intermediate level FET
Rev. 04-17 March 2011
More results

Similar Description - PHC21025

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHC2300 PHILIPS-PHC2300 Datasheet
157Kb / 16P
   Complementary enhancement mode MOS transistors
1997 Oct 24
logo
Guangdong Kexin Industr...
KHC21025 KEXIN-KHC21025 Datasheet
57Kb / 2P
   Complementary enhancement mode MOS transistors
KHC2300 KEXIN-KHC2300 Datasheet
54Kb / 2P
   Complementary Enhancement Mode MOS Transistors
logo
NXP Semiconductors
PHC20512 PHILIPS-PHC20512 Datasheet
158Kb / 20P
   Complementary enhancement mode MOS transistors
1997 Oct 22
logo
Nexperia B.V. All right...
PHC2300 NEXPERIA-PHC2300 Datasheet
934Kb / 14P
   Complementary enhancement mode MOS transistors
Rev. 05 - 24 February 2011
logo
NXP Semiconductors
PHC20306 PHILIPS-PHC20306 Datasheet
55Kb / 8P
   Complementary enhancement mode MOS transistor
1998 Feb 18
logo
List of Unclassifed Man...
VN0300 ETC1-VN0300 Datasheet
197Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
TEMIC Semiconductors
VN10 TEMIC-VN10 Datasheet
112Kb / 5P
   N-Channel Enhancement-Mode MOS Transistors
logo
Calogic, LLC
VN0610LL CALOGIC-VN0610LL Datasheet
24Kb / 2P
   N-Channel Enhancement-Mode MOS Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com