Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD231QDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD231QDR
Description  3.3-V CAN TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD231QDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD231QDR Datasheet HTML 5Page - Texas Instruments SN65HVD231QDR Datasheet HTML 6Page - Texas Instruments SN65HVD231QDR Datasheet HTML 7Page - Texas Instruments SN65HVD231QDR Datasheet HTML 8Page - Texas Instruments SN65HVD231QDR Datasheet HTML 9Page - Texas Instruments SN65HVD231QDR Datasheet HTML 10Page - Texas Instruments SN65HVD231QDR Datasheet HTML 11Page - Texas Instruments SN65HVD231QDR Datasheet HTML 12Page - Texas Instruments SN65HVD231QDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SN65HVD230Q-Q1
SN65HVD231Q-Q1
SN65HVD232Q-Q1
SGLS117C – JUNE 2001 – REVISED JUNE 2002
9
www.ti.com
device control-pin characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t(WAKE)
SN65HVD230Q wake-up time from standby mode with
RS
See Figure 8
0.55
1.5
µS
t(WAKE)
SN65HVD231Q wake-up time from sleep mode with RS
See Figure 8
3
µS
V
Reference output voltage
–5
µA < I(Vref) < 5 µA
0.45 VCC
0.55 VCC
V
Vref
Reference output voltage
–50
µA < I(Vref) < 50 µA
0.4 VCC
0.6 VCC
V
I(RS)
Input current for high-speed
V(RS) < 1 V
– 450
0
µA
† All typical values are at 25
°C and with a 3.3 V supply.
PARAMETER MEASUREMENT INFORMATION
VI
D
IO
IO
VOD
II
0 V or 3 V
CANL
60
CANH
VCC
Figure 1. Driver Voltage and Current Definitions
±
167
–2 V
≤ VTEST ≤ 7 V
VOD
0 V
60
167
Figure 2. Driver VOD
≈ 2.3 V
Dominant
Recessive
CANL
VOL
≈ 3 V
VOH
≈ 1 V
VOH
CANH
CANH
CANL
Figure 3. Driver Output Voltage Definitions


Similar Part No. - SN65HVD231QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD231QDR TI1-SN65HVD231QDR Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QDRG4 TI1-SN65HVD231QDRG4 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QDRG4Q1 TI-SN65HVD231QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QDRG4Q1 TI1-SN65HVD231QDRG4Q1 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD231QDRQ1 TI-SN65HVD231QDRQ1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD231QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com