Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABT646ADW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT646ADW
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT646ADW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ABT646ADW Datasheet HTML 4Page - Texas Instruments SN74ABT646ADW Datasheet HTML 5Page - Texas Instruments SN74ABT646ADW Datasheet HTML 6Page - Texas Instruments SN74ABT646ADW Datasheet HTML 7Page - Texas Instruments SN74ABT646ADW Datasheet HTML 8Page - Texas Instruments SN74ABT646ADW Datasheet HTML 9Page - Texas Instruments SN74ABT646ADW Datasheet HTML 10Page - Texas Instruments SN74ABT646ADW Datasheet HTML 11Page - Texas Instruments SN74ABT646ADW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SN54ABT646A, SN74ABT646A
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3STATE OUTPUTS
SCBS069H − JULY 1991 − REVISED MAY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 2)
SN74ABT646A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
fmax
125
125
MHz
tPLH
CLKBA or CLKAB
A or B
2.2
4
5.1
2.2
5.6
ns
tPHL
CLKBA or CLKAB
A or B
1.7
4
5.1
1.7
5.6
ns
tPLH
A or B
B or A
1.5
3
4.3
1.5
4.8
ns
tPHL
A or B
B or A
1.5
3.3
4.6
1.5
5.4
ns
tPLH
SAB or SBA†
B or A
1.5
4
5.1
1.5
6.5
ns
tPHL
SAB or SBA†
B or A
1.5
3.6
4.9
1.5
5.9
ns
tPZH
OE
A or B
1.5
4.3
5.3
1.5
6.3
ns
tPZL
OE
A or B
3
5.8
7.4
3
8.8
ns
tPHZ
OE
A or B
1.5
3.5
4.5
1.5
5
ns
tPLZ
OE
A or B
1.5
3
4
1.5
4.5
ns
tPZH
DIR
A or B
1.5
4.5
5.7
1.5
6.7
ns
tPZL
DIR
A or B
2.5
6.5
9
2.5
9.5
ns
tPHZ
DIR
A or B
1.5
3.8
5
1.5
5.7
ns
tPLZ
DIR
A or B
1.5
3.8
4.7
1.5
6
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.


Similar Part No. - SN74ABT646ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT646ADW TI-SN74ABT646ADW Datasheet
155Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUPUTS
SN74ABT646ADW TI-SN74ABT646ADW Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN74ABT646ADWR TI-SN74ABT646ADWR Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
More results

Similar Description - SN74ABT646ADW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com