Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD230QDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD230QDR
Description  3.3-V CAN TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD230QDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD230QDR Datasheet HTML 2Page - Texas Instruments SN65HVD230QDR Datasheet HTML 3Page - Texas Instruments SN65HVD230QDR Datasheet HTML 4Page - Texas Instruments SN65HVD230QDR Datasheet HTML 5Page - Texas Instruments SN65HVD230QDR Datasheet HTML 6Page - Texas Instruments SN65HVD230QDR Datasheet HTML 7Page - Texas Instruments SN65HVD230QDR Datasheet HTML 8Page - Texas Instruments SN65HVD230QDR Datasheet HTML 9Page - Texas Instruments SN65HVD230QDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SN65HVD230Q-Q1
SN65HVD231Q-Q1
SN65HVD232Q-Q1
SGLS117C – JUNE 2001 – REVISED JUNE 2002
6
www.ti.com
absolute maximum ratings over operating free-air temperature (see Note 1) (unless otherwise
noted)
Supply voltage range, VCC
– 0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at any bus terminal (CANH or CANL)
– 7 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage input range, transient pulse, CANH and CANL, through 100
Ω (see Figure 7)
– 25 V to 25 V
. . . . . . . . . . . .
Input voltage range, VI (D or R)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge: Human body model (see Note 2)
CANH, CANL and GND
15 kV
. . . . . . . . . . . . . . . . . .
All pins
2.5 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged-device model (see Note 3) All pins
4 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
2. Tested in accordance with JEDEC Standard 22, Test Method A114-A.
3. Tested in accordance with JEDEC Standard 22, Test Method C101.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR‡
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
145 mW
‡ This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
recommended operating conditions
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.6
V
Voltage at any bus terminal (common mode) VIC
– 2§
7
V
Voltage at any bus terminal (separately) VI
– 2.5
7.5
V
High-level input voltage, VIH
D, R
2
V
Low-level input voltage, VIL
D, R
0.8
V
Differential input voltage, VID (see Figure 5)
–6
6
V
V(RS)
0
VCC
V
V(RS) for standby or sleep
0.75 VCC
VCC
V
Rs wave-shaping resistance
0
100
k
High level output current I
Driver
–40
mA
High-level output current, IOH
Receiver
–8
mA
Low level output current I
Driver
48
mA
Low-level output current, IOL
Receiver
8
mA
Operating free-air temperature, TA
–40
125
°C
§ The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.


Similar Part No. - SN65HVD230QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230QDR TI1-SN65HVD230QDR Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4 TI1-SN65HVD230QDRG4 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI1-SN65HVD230QDRG4Q1 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD230QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com