Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

231Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # 231Q1
Description  3.3-V CAN TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

231Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button 231Q1 Datasheet HTML 4Page - Texas Instruments 231Q1 Datasheet HTML 5Page - Texas Instruments 231Q1 Datasheet HTML 6Page - Texas Instruments 231Q1 Datasheet HTML 7Page - Texas Instruments 231Q1 Datasheet HTML 8Page - Texas Instruments 231Q1 Datasheet HTML 9Page - Texas Instruments 231Q1 Datasheet HTML 10Page - Texas Instruments 231Q1 Datasheet HTML 11Page - Texas Instruments 231Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SN65HVD230Q-Q1
SN65HVD231Q-Q1
SN65HVD232Q-Q1
SGLS117C – JUNE 2001 – REVISED JUNE 2002
8
www.ti.com
driver switching characteristics at TA = 25°C (unless otherwise noted)
SN65HVD232Q
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
35
85
ns
tPHL
Propagation delay time, high-to-low-level output
70
120
ns
tsk(p)
Pulse skew (|tP(HL) – tP(LH)|)
CL = 50 pF, See Figure 4
35
ns
tr
Differential output signal rise time
CL 50 F, See Figure 4
25
50
100
ns
tf
Differential output signal fall time
40
55
80
ns
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage
See Table 1
750
900
mV
VIT–
Negative-going input threshold voltage
See Table 1
500
650
mV
Vhys Hysteresis voltage (VIT+ – VIT–)
100
mV
VOH
High-level output voltage
– 6 V
≤ VID ≤ 500 mV, IO = –8 mA, See Figure 5
2.4
V
VOL
Low-level output voltage
900 mV
≤ VID ≤ 6 V, IO = 8 mA, See Figure 5
0.4
V
VIH = 7 V
100
250
A
I
VIH = 7 V, VCC = 0 V
Other input at 0 V,
100
350
µA
II
Bus input current
VIH = –2 V
Other in ut at 0 V,
D = 3 V
– 200
– 30
A
VIH = –2 V, VCC = 0 V
– 100
– 20
µA
Ci
CANH, CANL input capacitance
Pin-to-ground,
VI = 0.4 sin(4E6πt) + 0.5 V
V(D) = 3 V,
32
pF
Cdiff
Differential input capacitance
Pin-to-pin,
VI = 0.4 sin(4E6πt) + 0.5 V
V(D) = 3 V,
16
pF
Rdiff
Differential input resistance
Pin-to-pin, V(D) = 3 V
40
70
100
k
RT
CANH, CANL input resistance
20
35
50
k
ICC
Supply current
See driver
† All typical values are at 25
°C and with a 3.3-V supply.
receiver switching characteristics at TA = 25°C (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
35
50
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 6
35
50
ns
tsk(p)
Pulse skew (|tP(HL) – tP(LH)|)
See Figure 6
10
ns
tr
Output signal rise time
See Figure 6
1.5
ns
tf
Output signal fall time
See Figure 6
1.5
ns
t(loop)
Total loop delay, driver input to receiver output
V(RS) = 0 V
70
135
t(loop)
Total loop delay, driver input to receiver output
RS with 10 kΩ to ground
105
175
ns
t(loop)
Total loop delay, driver input to receiver output
RS with 100 kΩ to ground
535
920


Similar Part No. - 231Q1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
231 LITTELFUSE-231 Datasheet
70Kb / 2P
   MINIATURE FUSES - 6.3x32 mm
231 LITTELFUSE-231 Datasheet
70Kb / 2P
   6.3x32 mm MINIATURE FUSES
logo
Marl International Limi...
231 MARL-231 Datasheet
283Kb / 5P
   Direct replacement for BA15s
logo
3M Electronics
231 3M-231 Datasheet
126Kb / 5P
   3M??High Performance Masking Tape 231/231A
logo
Glenair, Inc.
231-100-H0 GLENAIR-231-100-H0 Datasheet
251Kb / 1P
   Wall Mount Hermetic Receptacle
More results

Similar Description - 231Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com