Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD00HVS1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RD00HVS1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD00HVS1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RD00HVS1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD00HVS1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD00HVS1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD00HVS1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD00HVS1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD00HVS1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUBISHI RF POWER MOS FET
ELECTROSTATIC SENSITIVE DEVICE
RD00HVS1
RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1
MITSUBISHI ELECTRIC
10 Jan 2006
OBSERVE HANDLING PRECAUTIONS
TYPICAL CHARACTERISTICS
DRAIN DISSIPATION VS.
AMBIENT TEMPERATURE
0
1
2
3
4
0
40
80
120
160
200
AMBIENT TEMPERATURE Ta(°C)
On PCB(*1)
On PCB(*1) with Heat-sink
*1:The material of the PCB
Glass epoxy (t=0.6 mm)
Vds-Ids CHARACTERISTICS
0
0.5
1
1.5
02468
10
Vds(V)
Ta=+25°C
Vgs=9V
Vgs=8V
Vgs=7V
Vgs=6V
Vgs=5V
Vgs=4V
Vgs=3V
Vgs=10V
Vgs-Ids CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
012345
Vgs(V)
Ta=+25°C
Vds=10V
Vds VS. Ciss CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Coss CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
Vds VS. Crss CHARACTERISTICS
0
1
2
3
4
0
5
10
15
20
Vds(V)
Ta=+25°C
f=1MHz
2/6


Similar Part No. - RD00HVS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
logo
Quanzhou Jinmei Electro...
RD00HVS1 JMNIC-RD00HVS1_15 Datasheet
177Kb / 6P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD00HVS1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com