Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD21P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD21P
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD21P Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65HVD21P Datasheet HTML 4Page - Texas Instruments SN65HVD21P Datasheet HTML 5Page - Texas Instruments SN65HVD21P Datasheet HTML 6Page - Texas Instruments SN65HVD21P Datasheet HTML 7Page - Texas Instruments SN65HVD21P Datasheet HTML 8Page - Texas Instruments SN65HVD21P Datasheet HTML 9Page - Texas Instruments SN65HVD21P Datasheet HTML 10Page - Texas Instruments SN65HVD21P Datasheet HTML 11Page - Texas Instruments SN65HVD21P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
8
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
9 V
1 k
100 k
Input
VCC
RE Inputs
9 V
1 k
100 k
Input
VCC
DE Input
29 V
R3
R1
R2
Input
A Input
29 V
R3
R1
R2
Input
B Input
29 V
VCC
A and B Outputs
9 V
VCC
R Output
5
Output
VCC
HVD20, 23
HVD21, 22, 24
R1/R2
9 k
36 k
R3
45 k
180 k
VCC
Output
D Inputs (HVD20, 21, 22)
D Inputs (HVD23, 24)
29 V


Similar Part No. - SN65HVD21P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21P TI-SN65HVD21P Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21P TI-SN65HVD21P Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21P TI-SN65HVD21P Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21PE4 TI-SN65HVD21PE4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD21P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com