Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA60H1317M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA60H1317M
Description  RoHS Compliance ,135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA60H1317M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA60H1317M_06 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA60H1317M_06 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA60H1317M_06 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA60H1317M_06 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA60H1317M_06 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA60H1317M_06 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA60H1317M_06 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA60H1317M_06 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA60H1317M
RA60H1317M
MITSUBISHI ELECTRIC
24 Jan 2006
3/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
70
80
90
135
145
155
165
175
FREQUENCY f(MHz)
0
10
20
30
40
50
60
70
80
90
VDD=12.5V
VGG=5V
Pin=50mW
Pout
η
T
ρ
in
0
10
20
30
40
50
60
70
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
14
f=135MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
70
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
14
f=155MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
135
145
155
165
175
FREQUENCY f(MHz)
VDD=12.5V
VGG=5V
Pin=50mW
2
nd
3
rd
0
10
20
30
40
50
60
70
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
14
f=175MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD


Similar Part No. - RA60H1317M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M-01 MITSUBISHI-RA60H1317M-01 Datasheet
58Kb / 9P
   135-175MHz 60W 12.5V MOBILE RADIO
More results

Similar Description - RA60H1317M_06

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_10 Datasheet
89Kb / 9P
   135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_11 Datasheet
185Kb / 9P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_11 Datasheet
233Kb / 10P
   RoHS Compliance, 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M_06 Datasheet
238Kb / 8P
   RoHS Compliance , 135-175MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_06 Datasheet
225Kb / 8P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M Datasheet
58Kb / 9P
   135-175MHz 60W 12.5V MOBILE RADIO
RA08H1317M MITSUBISHI-RA08H1317M_06 Datasheet
230Kb / 8P
   RoHS Compliance , 135-175MHz 8W 12.5V, 2 stage Amp. For PORTABLE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com