Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA45H7687M1 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RA45H7687M1
Description  RoHS Compliance, 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA45H7687M1 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RA45H7687M1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA45H7687M1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA45H7687M1
RA45H7687M1
MITSUBISHI ELECTRIC
18
th Jan 2007
6/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
DUT
Z
G=50Ω
5
4
3
2
1
Z
L=50Ω
C3
C4
C2
C1
R1
A
Directional
Coupler
Attenuator
Pow er
Meter
Spectrum
Analyzer
-
+
DC Pow er
Supply V
GG2
+
-
DC Pow er
Supply V
DD
-
+
DC Pow er
Supply V
GG1
Attenuator
Pre-
amplifier
Pow er
Meter
Directional
Coupler
Attenuator
Signal
Generator
TEST BLOCK DIAGRAM
EQUIVALENT CIRCUIT
EQUIVALENT CIRCUIT
C3, C4: 4700pF, 22uF in parallel
1 RF Input added Gate Voltage 1(Pin & VGG1)
2 Gate Voltage 2(VGG2)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
C1: 4700pF, C2: 1000pF, R1: suitable. Please refer the detail below.
VGG1=3.4V
4
3
1
2
5
External resistance connected to VGG1; impedance between Pin&VGG1 and ground needs to make high impedance
NOTE: Resistance between Gate Voltage 1, where RF is input, and ground equals to 15k ohm.
that doesn't prevent RF characteristic on this module.
VGG1


Similar Part No. - RA45H7687M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H7687M1 MITSUBISHI-RA45H7687M1 Datasheet
173Kb / 9P
   RF MOSFET MODULE 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1 Datasheet
255Kb / 10P
   RoHS Compliance, 763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1-101 MITSUBISHI-RA45H7687M1-101 Datasheet
173Kb / 9P
   RF MOSFET MODULE 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1-101 MITSUBISHI-RA45H7687M1-101 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA45H7687M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA45H7687M1 MITSUBISHI-RA45H7687M1_11 Datasheet
255Kb / 10P
   RoHS Compliance, 763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_08 Datasheet
173Kb / 9P
   RF MOSFET MODULE 764-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H7687M1 MITSUBISHI-RA45H7687M1_10 Datasheet
170Kb / 10P
   763-870MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_11 Datasheet
263Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1 Datasheet
178Kb / 9P
   RoHS Compliance, 896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA45H8994M1 MITSUBISHI-RA45H8994M1_10 Datasheet
181Kb / 9P
   896-941MHz 45W 12.8V, 2 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_11 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com