Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDM050 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM050
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM050 Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDM050 Datasheet HTML 1Page - Texas Instruments SN65LVDM050 Datasheet HTML 2Page - Texas Instruments SN65LVDM050 Datasheet HTML 3Page - Texas Instruments SN65LVDM050 Datasheet HTML 4Page - Texas Instruments SN65LVDM050 Datasheet HTML 5Page - Texas Instruments SN65LVDM050 Datasheet HTML 6Page - Texas Instruments SN65LVDM050 Datasheet HTML 7Page - Texas Instruments SN65LVDM050 Datasheet HTML 8Page - Texas Instruments SN65LVDM050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
FUNCTION TABLES
SN65LVDM179, SN65LVDM180
SN65LVDM050, SN65LVDM051
SLLS324H – DECEMBER 1998 – REVISED MAY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The transmission media may be printed-circuit board traces, backplanes, or cables. The ultimate rate and
distance of data transfer is dependent upon the attenuation characteristics of the media, the noise coupling to
the environment, and other application-specific characteristics.
The SN65LVDM179, SN65LVDM180, SN65LVDM050, and SN65LVDM051 are characterized for operation from
–40°C to 85°C.
Table 1. Maximum Recommended Operating Speeds
Part Number
All Buffers Active
Rx Buffer Only
Tx Buffer Only
SN65LVDM179
150 Mbps
150 Mbps
500 Mbps
SN65LVDM180
150 Mbps
150 Mbps
500 Mbps
SN65LVDM050
100 Mbps
100 Mbps
400 Mbps
SN65LVDM051
100 Mbps
100 Mbps
400 Mbps
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
SMALL OUTLINE
SMALL OUTLINE
(D)
(DGK)
(PW)
SN65LVDM050D
SN65LVDM050PW
SN65LVDM051D
SN65LVDM051PW
–40°C to 85°C
SN65LVDM179D
SN65LVDM179DGK
SN65LVDM180D
SN65LVDM180PW
SN65LVDM179 RECEIVER
INPUTS
OUTPUT(1)
VID = VA– VB
R
VID ≥ 50 mV
H
50 MV < VID < 50 mV
?
VID ≤ –50 mV
L
Open
H
(1)
H = high level, L = low level, ? = indeterminate
SN65LVDM179 DRIVER
INPUT(1)
OUTPUTS(1)
D
Y
Z
L
L
H
H
H
L
Open
L
H
(1)
H = high level, L = low level
2
Submit Documentation Feedback


Similar Part No. - SN65LVDM050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM050 TI-SN65LVDM050 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050 TI-SN65LVDM050 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050 TI1-SN65LVDM050 Datasheet
936Kb / 25P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI1-SN65LVDM050-Q1 Datasheet
936Kb / 25P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDM050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com